Electronic Components Datasheet Search
  English  ▼

X  

450-24HTPLJ Datasheet(PDF) 1 Page - KG Technologies, Inc.

Part # 450-24HTPLJ
Description  HIGH VOLTAGE DC RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

450-24HTPLJ Datasheet(HTML) 1 Page - KG Technologies, Inc.

  450-24HTPLJ Datasheet HTML 1Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 2Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 3Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 4Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 5Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 6Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
HFE80V-40_EN Rev 1.0
1
A
HFE80V-40
HIGH VOLTAGE DC RELAY
•
20A, 450Vdc - 1 Form A Relay
•
3kVac dielectric strength between coil and contacts
•
Different control coil voltages: 12, 24, 48Vdc
•
Outline Dimensions: (29.2x30x41.6) mm
•
Dimensions with flanges: (44x30x41.6) mm
•
Quick Connect & PCB terminal options
•
Mounting flanges reinforced with compression sleeves
•
RoHS compliant materials and processes
Contact Data
Characteristics
Rated Load
20A @ 450VDC
Insulation resistance
1,000MΩ (at 500 Vdc)
Contact form
1 Form A
Dielectric strength:
Contact material
Cu Alloy
Coil to contact
3kVac for 1 min.
Contact resistance*
≤
5mΩ (at 1A @ 23°C)
Across open contacts 2kVac for 1min.
Max. switching voltage
750Vdc †
Dielectric creepage
Max. switching current
50A @ 450Vdc (1ops) ‡
Ambient temperature
-40°C to +85°C
Set time
≤
30ms
Ambient humidity
5% - 85% RH
Reset time
≤
10ms
Vibration
1.5 mm (DA) 10 Hz to 500 Hz §
Bounce time
≤
5ms
Shock resistance:
Electrical endurance
1,000 cycles **
Functional
196 m/s2 ††
Mechanical endurance
200,000 cycles
Destructive
490 m/s2 ‡‡
Coil power consumption
3W
Termination:
Coil termination
Quick Connect / PCB terminals
Load termination
Quick Connect / PCB terminals
Unit weight
Approximately 55g
* Typical value for Initial Contact Resistance: Using a sample quantity of at least 20 units, take the average value from 5 continuous
measurements from each sample
† Rated at: 2A
‡ Rated with cable diameter ≥ 10mm2
§ Sinusoidal vibration, 1.5mm double amplitude ,10Hz to 500Hz, acceleration 49m/s2, 8 hours each for every axis,4 hours each for
the energized and non-energized status, total 24 hours
** Rating at: 450Vdc / 40A
†† Duration 11ms, 500 ops for each direction of three mutually perpendicular axes, 250 ops each for the energized and non-
energized status, total 3000 shocks
‡‡ Duration 6ms, 50 shocks for each direction of three mutually perpendicular axes, total 300 shocks


Similar Part No. - 450-24HTPLJ

ManufacturerPart #DatasheetDescription
logo
KG Technologies, Inc.
450-24HTQ2AJ KG-450-24HTQ2AJ Datasheet
2Mb / 5P
HIGH VOLTAGE DC RELAY
450-24HTQ2BJ KG-450-24HTQ2BJ Datasheet
2Mb / 5P
HIGH VOLTAGE DC RELAY
450-24HTQ2LJ KG-450-24HTQ2LJ Datasheet
2Mb / 5P
HIGH VOLTAGE DC RELAY
More results

Similar Description - 450-24HTPLJ

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
High Voltage DC Relay
SEC250 SANYOU-SEC250 Datasheet
720Kb / 4P
High Voltage DC Relay
SEC350 SANYOU-SEC350 Datasheet
735Kb / 4P
High Voltage DC Relay
SEP150 SANYOU-SEP150 Datasheet
656Kb / 3P
High Voltage DC Relay
SEP250 SANYOU-SEP250 Datasheet
773Kb / 4P
High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
High Voltage DC Relay
SEV150 SANYOU-SEV150 Datasheet
155Kb / 4P
High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
High Voltage DC Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com