Electronic Components Datasheet Search
  English  ▼

X  

WT2575M Datasheet(PDF) 1 Page - Weitron Technology

Part # WT2575M
Description  2A Step-down Voltage Regulator Power Converter 52kHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT2575M Datasheet(HTML) 1 Page - Weitron Technology

  WT2575M Datasheet HTML 1Page - Weitron Technology WT2575M Datasheet HTML 2Page - Weitron Technology WT2575M Datasheet HTML 3Page - Weitron Technology WT2575M Datasheet HTML 4Page - Weitron Technology WT2575M Datasheet HTML 5Page - Weitron Technology WT2575M Datasheet HTML 6Page - Weitron Technology WT2575M Datasheet HTML 7Page - Weitron Technology WT2575M Datasheet HTML 8Page - Weitron Technology WT2575M Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WT2575M
2A Step-down Voltage Regulator
General Description:
Applications:
* Simple high-efficiency step-down (buck) regulator
* Efficient pre-regulator for linear regulators
* On-card switching regulators
* Positive to negative converter (Buck-Boost)
WEITRON
hpp://www.weitron.com.tw
WEITRON
1/11
The WT2575 series of regulators are monolithic integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable of driving 2A load with excellent line and load
regulation. These devices are available in fixed output voltages of 3.3V, 5V, 12V and an ADJ output version.
Requiring a minimum number of external components, these regulators are simple to use and include
internal frequency compensation and a fixed-frequency oscillator.
The WT2575 series offers a high-efficiency replacement for popular three-terminal linear regulators. It
substantially reduces the size of the heat sink, and in some cases no heat sink is required. A standard
series of inductors optimized for use with the WT2575 are available from several different
manufacturers. This feature greatly simplifies the design of switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on output voltage within specified input voltages and
output load conditions, and ±10% on the oscillator frequency. External shutdown is included, featuring
50 μA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as
thermal shutdown for full protection under fault conditions.
Features:
Power Converter 52kHz
Lead(Pb)-Free
P b
* 3.3V, 5V, 12V and adjustable output versions
* Adjustable version output voltage range, 1.23V to 37V ±4% max over line and load conditions
* Guaranteed 2A output current
* Wide input voltage range up to 40V
* Requires only 4 external components
* 52kHz fixed frequency internal oscillator
* TTLshutdown capability, low powerstandby mode
* High efficiency
* Uses readily available standard inductors
* Thermal shutdownand current limit protection
28-Aug-06


Similar Part No. - WT2575M

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
3A Step-down Voltage Regulator Power Converter 52kHz
WT2576M12 WEITRON-WT2576M12 Datasheet
962Kb / 11P
3A Step-down Voltage Regulator Power Converter 52kHz
WT2576M33 WEITRON-WT2576M33 Datasheet
962Kb / 11P
3A Step-down Voltage Regulator Power Converter 52kHz
WT2576M50 WEITRON-WT2576M50 Datasheet
962Kb / 11P
3A Step-down Voltage Regulator Power Converter 52kHz
More results

Similar Description - WT2575M

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2593 CHAMP-CM2593 Datasheet
316Kb / 12P
2A Step Down VOLTAGE REGULATOR
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
3A Step-down Voltage Regulator Power Converter 52kHz
WT2595M WEITRON-WT2595M Datasheet
507Kb / 9P
2A Step-down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
3.0A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
logo
Guangdong Youtai Semico...
LM2575 UMW-LM2575 Datasheet
1Mb / 17P
2A Step-Down Voltage Regulator
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
2A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com