Electronic Components Datasheet Search
  English  ▼

X  

WT2575M Datasheet(PDF) 11 Page - Weitron Technology

Part # WT2575M
Description  2A Step-down Voltage Regulator Power Converter 52kHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT2575M Datasheet(HTML) 11 Page - Weitron Technology

Back Button WT2575M Datasheet HTML 3Page - Weitron Technology WT2575M Datasheet HTML 4Page - Weitron Technology WT2575M Datasheet HTML 5Page - Weitron Technology WT2575M Datasheet HTML 6Page - Weitron Technology WT2575M Datasheet HTML 7Page - Weitron Technology WT2575M Datasheet HTML 8Page - Weitron Technology WT2575M Datasheet HTML 9Page - Weitron Technology WT2575M Datasheet HTML 10Page - Weitron Technology WT2575M Datasheet HTML 11Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
WEITRON
http://www.weitron.com.tw
WT2575M
11/11
28-Aug-06
SOP-8 PACKAGE OUTLINE DIMENSIONS(Unit: mm)
PIN INDENT
4.915 0.085
5.995 0.205
1.041 0.178
0.420 0.009
1.270 0.250
3.555 0.225
1.550 0.178
0 8
~
0.840 0.430
0.215 0.035
1.395 0.125
0.065 0.035
0.176 0.074
3.874 0.064
3.925 0.064
0.381 0.127
1.391 0.127
ORDERING NUMBER
WT2575 M XX
Circuit Type
Output Voltage
33 : 3.3V
50 : 5.0V
12 : 12V
- : ADJ
Package
SOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com