Electronic Components Datasheet Search
  English  ▼

X  

60712 Datasheet(PDF) 1 Page - Belden Inc.

Part # 60712
Description  M23 Power Single-Ended Cordset: Female, angled, 19-pin(18PE), black body, 120 V AC/DC, 16x8 A 2x10 A ; PUR black cable, 16x0.5 mm² 3x1.0 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

60712 Datasheet(HTML) 1 Page - Belden Inc.

  60712 Datasheet HTML 1Page - Belden Inc. 60712 Datasheet HTML 2Page - Belden Inc. 60712 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RKWUE 19-242
M23 Power Single-Ended Cordset: Female, angled, 19-pin(18+PE), black
body, 120 V AC/DC, 16x8 A + 2x10 A ; PUR black cable, 16x0.5 mm² + 3x1.0
mm²
Product Description
M23 Power Single-Ended Cordset: Female, angled, 19-pin(18+PE), black body, 120 V AC/DC, 16x8 A + 2x10 A ; PUR black cable, 16x0.5 mm² + 3x1.0 mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin
2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Pin 9
Pin 10
Pin 11
Pin 12
Pin 13
Pin 14
Pin 15 Pin 16 Pin 17
Pin 18
Pin 19
violet red
grey
red-blue green blue
grey-pink white-green white-yellow white-grey black
green-yellow yellow-brown brown-green white
yellow
pink
grey-brown brown
Technical Data
Product Family:
Power Connector
Product Sub Family:
M23 Power
Brand:
Lumberg Automation
Connector Type:
Cordset, single ended
Type of Contact / Gender:
female
Connector Design:
angled
Number of Pins:
19(18+PE)
Shielding:
Unshielded
Attachment Type:
Grounded Coupling Nut
Rated Voltage:
125 V
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
120 V AC/DC
Rated Current*:
16 x 8 A (pin-Ø 1 mm), 2 x 10 A (contact-Ø 1.5 mm)
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature (Operation)*:
-25°C to +80°C


Similar Part No. - 60712

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
60712002241502 WURTH-60712002241502 Datasheet
455Kb / 6P
WR-BNC BNC PCB THT Jack
001.000
60712002241506 WURTH-60712002241506 Datasheet
561Kb / 6P
WR-BNC BNC PCB THT Jack
001.000
60712002241507 WURTH-60712002241507 Datasheet
534Kb / 6P
WR-BNC BNC PCB THT Jack
001.000
logo
Molex Electronics Ltd.
6071227 MOLEX11-6071227 Datasheet
20Kb / 1P
Cut-off Punch
60712G103 MOLEX11-60712G103 Datasheet
19Kb / 1P
Insulation Punch
More results

Similar Description - 60712

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200948038 MOLEX-1200948038 Datasheet
37Kb / 1P
Brad M23 Single-Ended Cordset, 12 Poles, Female (90째) to Pigtail, 18/22 AWG
logo
Schneider Electric
XZCC23FCM190S SCHNEIDER-XZCC23FCM190S Datasheet
101Kb / 3P
female, M23, 19-pin, elbowed connector - cable gland Pg 13.5
Dec 7, 2020
XZCC23FDM190S SCHNEIDER-XZCC23FDM190S Datasheet
84Kb / 4P
female, M23, 19-pin, straight connector - cable gland Pg 13.5
Jan 7, 2021
logo
Molex Electronics Ltd.
1200945027 MOLEX-1200945027 Datasheet
24Kb / 1P
Brad M23 Single-Ended Cordset, 19 Poles, Female (90째) to Pigtail, 18/22 AWG
1300080303 MOLEX-1300080303 Datasheet
36Kb / 1P
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (Straight) to Pigtail, 18 and 22 AWG, PUR Cable, 5.0m (16.40) Length
02/01/2023
1300080306 MOLEX-1300080306 Datasheet
36Kb / 1P
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (Straight) to Pigtail, 18 and 22 AWG, PUR Cable, 10.0m (32.81) Length
03/21/2023
1300080315 MOLEX-1300080315 Datasheet
27Kb / 1P
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (90°) to Pigtail, 18 and 22 AWG, PUR Cable, 5.0m (16.40) Length
02/01/2023
1300080316 MOLEX-1300080316 Datasheet
45Kb / 1P
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (90°) to Pigtail, 18 and 22 AWG, Black PUR Cable, 10.0m (32.81) Length
03/24/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com