Electronic Components Datasheet Search
  English  ▼

X  

60712 Datasheet(PDF) 2 Page - Belden Inc.

Part # 60712
Description  M23 Power Single-Ended Cordset: Female, angled, 19-pin(18PE), black body, 120 V AC/DC, 16x8 A 2x10 A ; PUR black cable, 16x0.5 mm² 3x1.0 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

60712 Datasheet(HTML) 2 Page - Belden Inc.

  60712 Datasheet HTML 1Page - Belden Inc. 60712 Datasheet HTML 2Page - Belden Inc. 60712 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Protection Degree / IP Rating**:
IP67
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Clearance / Creepage Distance:
acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category:
II acc. to DIN EN 60664-1 (VDE 0110-1)
Materials
Contact Base Material:
CuZn
Contact Plating:
Cu/Au
Contact Bearer Material:
PBT
Contact Bearer Color:
white
Flammability Class (Contact Bearer):
UL 94 V0
Molded Body Material:
TPU
Molded Body Color:
black
Flammability Class (Molded Body):
UL 94-HB
Attachment Material:
CuZn, nickel-plated
O-Ring Material:
NBR
Cable Data
Cable Number:
242
Conductor Size:
16x0.5mm² + 3x1.0 mm²
Number of Wires:
19
Minimal Bending Radius (Fixed Inst):
˃ 5 x D
Minimal Bending Radius (Flexible Inst):
˃ 10 x D
Cycles (Bending):
˃ 2 M
Conductor material:
Cu
Cable Jacket Material:
PUR
Cable Jacket Color:
black
Cable Diameter D:
Ø 11.60 ±0.30 mm
Wire Insulation Material:
PP
Insulated Wire Diameter:
16x Ø1.45 mm + 3x Ø1.95 mm
Ambient Temperature (Fixed Installation):
-50°C to +80°C
Ambient Temperature (Flex Installation):
-25°C to +80°C
Ambient Temperature (Drag Chain Inst):
max. +60°C
UL Cable Type:
AWM: 21198 / 20549
Flammability Class (Cable Jacket):
IEC 60332-2, VDE 0482-265-2-2, EN 50265-2-2, FT2; flame-retardant
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances
Halogenfree:
IEC 60754-1, VDE 0482-267, EN 50267-2-1
Notes
Note Derating:
* Notice derating
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note:
Do not connect / disconnect under load.
Particularities:
When the connector is unlocked and in risk of pollution the connector has to be covered with a protective cap ≥ IP54.
Variants
Item #
Item Description
Cable Length
9623
RKWUE 19-242/1 M
1 m
60715
RKWUE 19-242/5 M
5 m
60711
RKWUE 19-242/10 M 10 m
60712
RKWUE 19-242/15 M 15 m
60713
RKWUE 19-242/20 M 20 m
61247
RKWUE 19-242/25 M 25 m
61252
RKWUE 19-242/30 M 30 m
61249
RKWUE 19-242/35 M 35 m
61246
RKWUE 19-242/40 M 40 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com