Electronic Components Datasheet Search
  English  ▼

X  

MSX60 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSX60
Description  60-Watt Multicrystalline Photovoltaic Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSX60 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSX60 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
502 [19.8]
Junction box
9.5 [0.38] dia.
mtg. holes, typ.
2.8 [0.11] max.
screw head
projection, typ.
Grounding hole,
2 places
1105 [43.5]
(does not include
screw head
projection)
610 [24.0]
246 [9.7]
16 [0.63] typ.
467 [18.4]
17 [0.69]
Front View
Back View
MSX 60
X
X
Dimensions
Unbracketed dimensions are in millimeters.
Dimensions in brackets are in inches.
Overall tolerances ±3mm (1/8")
Mechanical Characteristics
Weight
MSX 60
7.2 kg (15.9 pounds)
11.1 [0.44]
2.4 [0.09]
27 [1.06]
50 [1.97]
Section X-X
Grounding Detail



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com