Electronic Components Datasheet Search
  English  ▼

X  

MSX60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSX60
Description  60-Watt Multicrystalline Photovoltaic Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSX60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSX60 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Proven Materials
and Construction
BP Solar’s quarter-century of field
experience shows in every aspect
of these module’s construction and
materials:
• 36 multicrystalline silicon solar
cells configured as two 18-cell
series strings;
• Cells are laminated between
sheets of ethylene vinyl acetate
(EVA) and high-transmissivity
low-iron 3mm tempered glass;
• Frame strength exceeds require-
ments of certifying agencies.
High-Capacity Versatile
Junction Box
The junction box is raintight (IP54
rated) and accepts PG13.5 or 1/2"
nominal conduit or cable fittings. Its
volume (411cc, 25 cubic inches) and
6-terminal connection block enable
most system array connections (put-
ting modules in series or parallel) to
be made right in the junction box.
Options include:
• blocking and bypass diodes;
• an oversize terminal block which
accepts conductors up to 25mm2
(AWG #4); standard terminals
accept up to 6mm2 (AWG #10);
• a Solarstate™ charge regulator.
Shipped in 12V configuration, mod-
ules may easily be switched to 6V
configuration by moving leads in the
junction box. Six-volt modules are
intended to support 6V loads, and
are not recommended as series
elements in higher voltage arrays.
Quality and Safety
• Manufactured in ISO 9001-
certified factories;
• Certified by PowerMark
Corporation;
• Listed by Underwriter’s
Laboratories for electrical and fire
safety (Class C fire rating);
• Certified by TÜV Rheinland as
Class II equipment;
• Approved by Factory Mutual
Research for application in NEC
Class 1, Division 2, Groups C &
D hazardous locations;
• Compliant with the requirements
of IEC 61215 including:
° repetitive cycling between
-40°C and 85°C at 85% relative
humidity;
° simulated impact of 25mm
(one-inch) hail at terminal
velocity;
° a “damp heat” test, consisting
of 1000 hours of exposure
to 85°C and 85% relative
humidity;
° a “hot-spot” test, which
determines a module’s ability
to tolerate localized shadowing
(which can cause reverse-
biased operation and localized
heating);
° static loading, front and back,
of 2400 pascals (50 psf); front
loading (e.g. snow) of 5400
pascals (113 psf).
Limited Warranties
• Power output for 25 years;
• Freedom from defects in
materials and workmanship
for 5 years.
See our website or your local
representative for full terms of
these warranties.
Individually Tested
and Labeled
Each module tested and labeled with
its actual output — voltage, current,
and power at maximum power point
(Pmax)—at Standard Test Conditions
and Standard Operating Conditions.
60-Watt Multicrystalline
Photovoltaic Module
BP MSX 60
01-4001-2
2/02
BP MSX 60
©2002 BP Solar Global Marketing
Bronze Anodized
Universal Frame
BP Solar’s MSX series is a premium line of PV modules with a 25-year
performance warranty, tightly controlled electrical parameters, and labeling
showing each module’s tested electrical characteristics. The MSX 60 provides
60 watts of nominal maximum power, and is well-suited to traditional
applications of photovoltaics such as telecommunications, remote villages
and clinics, pumping, and land-based aids to navigation. Its attractive
bronze-anodized frame also suits it well for architectural applications.
TÜV


Similar Part No. - MSX60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSX-50 ETC2-MSX-50 Datasheet
212Kb / 2P
Photovoltaic Modules
logo
Teledyne Technologies I...
MSX025BADNC TELEDYNE-MSX025BADNC Datasheet
970Kb / 4P
X-Band GaN SSPA
logo
Vishay Siliconix
MSX1PB VISHAY-MSX1PB Datasheet
108Kb / 5P
Surface-Mount ESD Capability Rectifier
24-Jan-18
MSX1PB VISHAY-MSX1PB Datasheet
117Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
MSX1PB VISHAY-MSX1PB_V01 Datasheet
117Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
More results

Similar Description - MSX60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP365 ETC1-BP365 Datasheet
265Kb / 2P
65 Watt Photovoltaic Module
logo
Kyocera Kinseki Corpota...
KS20 KSS-KS20 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
KC80 KSS-KC80 Datasheet
398Kb / 2P
HIGH EFFICIENCY MULTICRYSTAL PHOTOVOLTAIC MODULE
KS12 KSS-KS12 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
G24 Innovations
INDY2050 G24I-INDY2050 Datasheet
992Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2100 G24I-INDY2100 Datasheet
1Mb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3050 G24I-INDY3050 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
logo
List of Unclassifed Man...
PX72-260 ETC2-PX72-260 Datasheet
563Kb / 2P
PHOTOVOLTAIC MODULE PX72
logo
Kyocera Kinseki Corpota...
KK270P-3CD3CG KSS-KK270P-3CD3CG Datasheet
442Kb / 2P
HIGH EFFICIENCY MULTICRYSTALLINE
logo
TRACO Electronic AG
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com