Electronic Components Datasheet Search
  English  ▼

X  

SN75150P Datasheet(PDF) 6 Page - SYC Electronica

Part # SN75150P
Description  DUAL LINE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

SN75150P Datasheet(HTML) 6 Page - SYC Electronica

Back Button SN75150P Datasheet HTML 2Page - SYC Electronica SN75150P Datasheet HTML 3Page - SYC Electronica SN75150P Datasheet HTML 4Page - SYC Electronica SN75150P Datasheet HTML 5Page - SYC Electronica SN75150P Datasheet HTML 6Page - SYC Electronica SN75150P Datasheet HTML 7Page - SYC Electronica SN75150P Datasheet HTML 8Page - SYC Electronica SN75150P Datasheet HTML 9Page - SYC Electronica SN75150P Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN75150
DUAL LINE DRIVER
SLLS081C – JANUARY 1971 – REVISED JUNE 1999
6
TYPICAL CHARACTERISTICS
–25
VO – Applied Output Voltage – V
20
25
–20
–20 –15 –10 –5
0
5
10
15
20
–15
–10
–5
0
5
10
15
VCC + = 12 V
VCC – = – 12 V
TA = 25°C
VI = 2.4 V
RL = 3 kΩ
RL = 7 kΩ
VI = 0.4 V
OUTPUT CURRENT
vs
APPLIED OUTPUT VOLTAGE
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com