Electronic Components Datasheet Search
  English  ▼

X  

SN75150P Datasheet(PDF) 1 Page - SYC Electronica

Part # SN75150P
Description  DUAL LINE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

SN75150P Datasheet(HTML) 1 Page - SYC Electronica

  SN75150P Datasheet HTML 1Page - SYC Electronica SN75150P Datasheet HTML 2Page - SYC Electronica SN75150P Datasheet HTML 3Page - SYC Electronica SN75150P Datasheet HTML 4Page - SYC Electronica SN75150P Datasheet HTML 5Page - SYC Electronica SN75150P Datasheet HTML 6Page - SYC Electronica SN75150P Datasheet HTML 7Page - SYC Electronica SN75150P Datasheet HTML 8Page - SYC Electronica SN75150P Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN75150
DUAL LINE DRIVER
D Meets or Exceeds the Requirement of
TIA/EIA-232-F and ITU Recommendation
V.28
D Withstands Sustained Output Short Circuit
to Any Low-Impedance Voltage Between
– 25 V and 25 V
D 2-µs Maximum Transition Time Through the
3-V to – 3-V Transition Region Under Full
2500-pF Load
D Inputs Compatible With Most TTL Families
D Common Strobe Input
D Inverting Output
D Slew Rate Can Be Controlled With an
External Capacitor at the Output
D Standard Supply Voltages . . . ±12 V
description
The SN75150 is a monolithic dual line driver designed to satisfy the requirements of the standard interface
between data-terminal equipment and data-communication equipment as defined by TIA/EIA-232-F. A rate of
20 kbits/s can be transmitted with a full 2500-pF load. Other applications are in data-transmission systems using
relatively short single lines, in level translators, and for driving MOS devices. The logic input is compatible with
most TTL families. Operation is from 12-V and –12-V power supplies.
The SN75150 is characterized for operation from 0
°C to 70°C.
logic symbol†
7
6
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
EN
1Y
2Y
S
1A
2A
3
2
1
logic diagram (positive logic)
3
2
1
S
1A
2A
7
6
1Y
2Y
1
2
3
4
8
7
6
5
S
1A
2A
GND
VCC+
1Y
2Y
VCC–
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - SN75150P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150P TI-SN75150P Datasheet
101Kb / 7P
DUAL LINE DRIVER
SN75150P TI1-SN75150P Datasheet
465Kb / 15P
DUAL LINE DRIVER
SN75150P TI2-SN75150P Datasheet
485Kb / 16P
DUAL LINE DRIVER
REVISED JUNE 1999
SN75150P.A TI2-SN75150P.A Datasheet
485Kb / 16P
DUAL LINE DRIVER
REVISED JUNE 1999
More results

Similar Description - SN75150P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
Dual Line Driver
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
DUAL LINE DRIVER
SN75150 TI-SN75150 Datasheet
101Kb / 7P
DUAL LINE DRIVER
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
DUAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
DUAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com