Electronic Components Datasheet Search
  English  ▼

X  

CDCDB2000ENPPT Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCDB2000ENPPT
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000ENPPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCDB2000ENPPT Datasheet HTML 2Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 3Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 4Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 5Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 6Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 7Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 8Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 9Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD, VDD_A
Power supply voltage
–0.3
3.6
V
VIN
IO input voltage
GND
VDD + 0.5
V
TJ
Junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001, all pins(1)
±3000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
IO supply voltage
3.135
3.3
3.465
V
VDD_A
Core supply voltage
3.135
3.3
3.465
V
TA
Ambient temperature
–40
85
°C
TJ
Junction temperature
125
°C
5.4 Thermal Information
THERMAL METRIC(1)
CDCDB2000
UNIT
NPP (GQFN)
80 PINS
RθJA
Junction-to-ambient thermal resistance
32.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.2
°C/W
RθJB
Junction-to-board thermal resistance
15.9
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
15.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
VDD, VDD_A = 3.3 V ± 5 %, -40 °C < TA < 85 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com