Electronic Components Datasheet Search
  English  ▼

X  

CDCDB2000ENPPT Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCDB2000ENPPT
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000ENPPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCDB2000ENPPT Datasheet HTML 3Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 4Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 5Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 6Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 7Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 8Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 9Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 10Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
5.5 Electrical Characteristics (continued)
VDD, VDD_A = 3.3 V ± 5 %, -40 °C < TA < 85 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD_A
Core supply current
Active mode. CKPWRGD_PD# = 1
12
mA
Power down mode. CKPWRGD_PD# = 0
8
IDD
IO supply current per output
All-outputs disabled
20
mA
All-outputs active, 100MHz
200
Power down mode. CKPWRGD_PD# = 0
8
CLOCK INPUT
fIN
Input frequency
50
100
250
MHz
VIN
Input voltage swing
Differential voltage between CLKIN_P and
CLKIN_N(1)
200
2300
mVDiff-
peak
dV/dt
Input voltage edge rate
20% - 80% of input swing
0.7
V/ns
DVCROSS
Total variation of VCROSS
Total variation across VCROSS
140
mV
DCIN
Input duty cycle
40
60
%
CIN
Input capacitance(2)
Differential capacitance between CLKIN_P
and CLKIN_N pins
2.2
pF
CLOCK OUTPUT
fOUT
Output frequency
50
100
250
MHz
COUT
Output capacitance(1)
Differential capacitance between CKx_P
and CKx_N pins
2.2
pF
VOH
Output high voltage
Single-ended(2) (3)
225
270
mV
VOL
Output low voltage
10
150
VCROSS
Crossing point voltage
Input VCROSS varied by 140 mV. (3) (4)
130
200
DVCROSS
Total variation of VCROSS
Input VCROSS varied by 140 mV. Variation of
VCROSS (3) (4)
35
Vovs
Overshoot voltage
(3)
VOH+75
Vuds
Undershoot voltage
(3)
VOL–75
ZDIFF
Differential impedance
Measured at VOL/VOH
81
85
89
ohm
ZDIFF_CROS
S
Differential impedance
Measured at VCROSS
68
85
102
tEDGE
Edge rate
Measured at VCROSS
2
20
V/ns
DtEDGE
Edge rate matching
Measured at VCROSS
20
%
tSTABLE
Power good assertion to stable clock
output
CKPWRGD_PD# pin
transistions from 0 to 1, fIN =
100 MHz
Measured
when
PWRGD
reaches
0.2V
1.8
ms
tDRIVE_PD#
Power good assertion to outputs
driven high
CKPWRGD_PD# pin
transistions from 0 to 1, fIN =
100 MHz
Measured
when
PWRGD
reaches
0.2V
300
µs
tOE
Output enable assertion to stable
clock output
OEx# pin transistions from 1 to 0
10
CLKIN
Periods
tOD
Output enable de-assertion to no
clock output
OEx# pin transistions from 0 to 1
10
tPD
Power down assertion to no clock
output
CKPWRGD_PD# pin transistions from 1 to
0
3
tDCD
Duty cycle distortion
Differential; fIN = 100MHz, fin_DC = 50%
–1.0
1.0
%
tDLY
Propagation delay
(5)
0.5
3
ns
www.ti.com
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com