Electronic Components Datasheet Search
  English  ▼

X  

EVAL232R Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button EVAL232R Datasheet HTML 10Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 11Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 12Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 13Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 14Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 15Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 16Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 17Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
EVAL232R FT232RL USB to RS232 Evaluation Module Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 14
EEPROM. A high-power bus powered device must use this descriptor in the internal EEPROM to inform the
system of its power requirements.
v) For 3.3V power controlled circuits the VCCIO pin must not be powered down with the external circuitry (the
PWREN# signal gets its VCC supply from VCCIO). Either connect the power switch between the output of the
3.3V regulator and the external 3.3V logic or power VCCIO from the 3V3OUT pin of the FT232R.
6.4 LED Interface
The FT232RL’s CBUS0 and CBUS1 pins on the EVAL232R are configured to drive LED’s.
CBUS0 is used to indicate reception of data (RXLED#) and CBUS1 is used to indicate transmission of data (TXLED#).
When data is being transmitted or received the respective CBUS pin will drive from tri-state to low in order to provide
indication on the LEDs of data transfer. A digital one-shot time is used so that even a small percentage of data transfer
is visible to the end user.
The FT232R CBUS pins have 3 configurable options for driving an LED - these are TXLED#, RXLED#, and
TX&RXLED#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com