Electronic Components Datasheet Search
  English  ▼

X  

EVAL232R Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button EVAL232R Datasheet HTML 10Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 11Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 12Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 13Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 14Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 15Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 16Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 17Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
EVAL232R FT232RL USB to RS232 Evaluation Module Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 15
7. Module Circuit Schematic
Figure 5 shows the EVAL232R circuit schematic. For the EVAL232R the FT232RL has been used to make a USB to
RS232 converter. A TTL – RS232 Level Converter I.C. is used on the serial UART of the FT232RL to make the RS232
level conversion. This, for example can be done using the popular “213” series of TTL to RS232 level converters.
These devices have 4 transmitters and 5 receivers in a 28-LD SSOP package and feature an in-built voltage converter
to convert the 5V (nominal) VCC to the +/- 9 volts required by RS232. An important feature of these devices is the SD
pin which can power down the device to a low quiescent current during USB suspend mode.
The RS232 level converter device used on the EVAL232R is a Zywyn ZT213LFEA which is capable of RS232
communication at up to 1Megabaud baud.
In the EVAL232R CBUS0 and CBUS1 have been configured as TXLED# and RXLED#, and are being used to drive
two LEDs which indicate transmission and reception of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com