Electronic Components Datasheet Search
  English  ▼

X  

FT8U100AX Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT8U100AX
Description  FT8U100AX Seven Port USB Hub Controller with Embedded Peripheral Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT8U100AX Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT8U100AX Datasheet HTML 3Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 4Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 5Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 6Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 7Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 8Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 9Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 10Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Future Technology Devices Intl.
FT8U100AX Product Data Rev 0.90
Page 7
2.2 FT8U100AX - Pinout Description
Pin
Number(s)
Signal
Name
I/O
Signal Description
22,21
UP1+, UP1-
USB I/O
Differential USB port Connection to Upstream System or Hub
25,24
4,3
7,6
10,9
13,12
16,15
19,18
DN1+, DN1-
DN2+, DN2-
DN3+, DN3-
DN4+, DN4-
DN5+, DN5-
DN6+, DN6-
DN7+, DN7-
USB I/O
Differential USB port Connection to Downstream Peripherals or
Hubs
34-37,39,40
PWR1# to
PWR7#
I/O
Active Low Power Enable output pin to each USB Port. These
signals connect to the gate input of a Power MOSFET or Power
Control Switch I.C.
26-31,33
OVL1# to
OVL7#
I/O
Active Low Current Overload Detect Input from each USB Port.
Pulling these signals low remove the power to the faulty USB
device and notifies the system of this event.
84-88, 90-92
93, 95-99,23
26-31,33
34-37,39-41
42,43,45-48
P1D0 to P1D7,
P2D0 to P2D6,
P3D0 to P3D6,
P4D0 to P4D6,
P5D0 to P5D5
I/O
General Purpose IO Ports used for controlling LED status
indicators etc. Some of these pins are multiplexed with other
embedded functions – see Pinout Configuration
42,43
SPTX, SPRX
I/O
Transmit / Receive Data for Serial Port 1
97,98
IRTX, IRRX
I/O
Transmit / Receive Data for Serial Port 2 and IrDA SIR
93,96,95
CRTX,
CRXL,CRXH
I/O
Transmit / Receive Data for Serial Port 3 and IrDA CIR
46,45
KCLK, KDAT
I/O
PS/2 Keyboard interface signals
48,47
MCLK, MDAT
I/O
PS/2 Mouse interface signals
99,23
49
SCL,SDA
INT#
I/O
Monitor Control port clock and data signals.
92
FTIR
I/O
Ir Remote Control Receiver Port
64,66,68,71,73,
75,77,79,78,76,
69,74,81,80,82
RA0 to RA14
O
Program Address Bus from the internal EMCU micro-controller.
These connect to the address pins on an external ROM.
56,54,52,51,
53,55,62,65
RD0 to RD7
I/O
Program Data Bus from the internal EMCU micro-controller. These
connect to the address pins on an external ROM.
72,67,50
ROE#, RWE#,
RCE#
O
Output Enable, Write Enable and Chip Enable control signals (
active low ) for the external ROM.
61
RCCLK
O
Oscillator Re-Start Timer RC network. This gates off the oscillator
internal to the chip until the Oscillator circuit has become stable.
2,3
TEST
I
For IC Test Purpose Only – Strap to GND
1
RST8K
I
For FTDI In-Circuit Debugger Use Only – Strap to GND for normal
operation.
58
CLMP#
I
Strapped to XTIN for Bus powered applications – used to shut
down the oscillator circuit during suspend by clamping the input to
ground.
59,60
XTIN, XTOUT
I,O
48MHz Crystal Oscillator Input / Output Pins
100
RST#
I
Active Low Chip Reset Pin
14,17,44,70,94
VCC3
VCC
+3.3 Volt Supply Voltage
8,11,20,32,38,
57,63,83,89
GND
GND
Ground Pin
The FT8U100AX contains six general purpose I/O ports which are firmware configurable. These support LED status
control, USB overload current detect, per port USB power enable functions as well as internal legacy peripherals
including serial port, PS/2 keyboard and mouse. The pinout diagram on the preceding page details the designation of
these I/O ports for one specific configuration of the FT8U100AX, as used with the UH8370 USB Hub reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com