Electronic Components Datasheet Search
  English  ▼

X  

FT8U100AX Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT8U100AX
Description  FT8U100AX Seven Port USB Hub Controller with Embedded Peripheral Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT8U100AX Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT8U100AX Datasheet HTML 5Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 6Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 7Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 8Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 9Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 10Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 11Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 12Page - Future Technology Devices International Ltd. FT8U100AX Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Future Technology Devices Intl.
FT8U100AX Product Data Rev 0.90
Page 9
3. Electrical Specifications
3.1 Absolute Maximum Ratings
Parameter
Min
Max
Units
Storage Temperature
-65
+150
oC
Ambient Temperature ( Power Applied)
0
+70
oC
VCC3 Supply Voltage
-0.5
+4.5
V
DC Input Voltage - Inputs
-0.5
VCC3+0.5
V
DC Input Voltage - High Impedance Bidirectionals
-0.5
VCC3+0.5
V
DC Output Current – Outputs
24
mA
DC Output Current – Low Impedance Bidirectionals
24
mA
Power Dissipation
500
mW
3.2 DC Characteristics ( Ambient Temperature = 0 .. 70 Degrees C )
Symbol
Description
Min
Max
Units
Conditions
VCC3
Operating Supply Voltage
3.0
3.6
v
Icc1
Operating Supply Current
50
mA
Normal Operation
Icc2
Operating Supply Current
250
uA
USB Suspend
Ioh1
Digital IO Pins Source Current
6
mA
Voh = VCC3 – 0.5v
Iol1
Digital IO Pins Sink Current
12
mA
Vol = + 0.5v
Ioh2
Digital Output Pins Source Current
2
mA
Voh = VCC3 – 0.5v
Iol2
Digital Output Pins Sink Current
4
mA
Vol = + 0.5v
Voh1
Input Voltage Threshold ( Low )
0.6
v
VDD=3.0V,
RL = 1.5K to VDD
Vol1
Input Voltage Threshold ( High )
2.7
v
VDD=3.0V,
RL = 1.5K to VDD
VDif
USB Differential Input Sensitivity
0.2
v
VDD = 3.0 to 3.6V
VCom
USB Differential Common Mode
0.8
2.5
v
VDD = 3.0 to 3.6V
URxt
USB Single Ended Rx Threshold
0.8
2.0
v
VDD = 3.0 to 3.6V
UVh
USB IO Pins Static Output ( Low )
0.3v
Rl = 1.5k to 3.6v
UVl
USB IO Pins Static Output ( High )
2.8
Rl = 1.5k to GND
VHYS
Hysteresis on SE receiver inputs
0.1v
0.2v
VDD = 3 to 3.6V
VIHSE
High threshold for SE receiver
1.2
1.5
1.8
VDD = 3 to 3.6V
VILSE
Low threshold for SE receiver
1.0
1.3
1.5
VDD = 3 to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com