Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DS232BL Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 12 of 25
FT232BL USB UART ( USB - Serial) I.C.
UART IO Pin Characteristics ( VCCIO = 3.0 - 3.6V )
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
2.2
2.7
3.2
V
I source = 1mA
Vol
Output Voltage Low
0.3
0.4
0.5
V
I sink = 2 mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
**Note 4
VHys
Input Switching Hysteresis
20
25
30
mV
**Note 4 – Inputs have an internal 200K pull-up resistor to VCCIO.
XTIN / XTOUT Pin Characteristics
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
4.0
-
5.0
V
Fosc = 6MHz
Vol
Output Voltage Low
0.1
-
1.0
V
Fosc = 6MHz
Vin
Input Switching Threshold
1.8
2.5
3.2
V
RESET#, TEST, EECS, EESK, EEDATA Pin Characteristics
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 2mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 2 mA
Vin
Input Switching Threshold
1.3
1.6
1.9
V
**Note 5
VHys
Input Switching Hysteresis
50
55
60
mV
**Note 5 – EECS, EESK and EEDATA pins have an internal 200K pull-up resistor to VCC
RSTOUT Pin Characteristics
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
3.0
-
3.6
V
I source = 2mA
Vol
Output Voltage Low
0.3
-
0.6
V
I sink = 2mA
USB IO Pin Characteristics
Parameter Description
Min
Typ
Max
Units Conditions
UVoh
IO Pins Static Output ( High)
2.8
3.6
V
RI = 1.5K to 3V3Out ( D+ )
RI = 15K to GND ( D- )
UVol
IO Pins Static Output ( Low )
0
0.3
V
RI = 1.5K to 3V3Out ( D+ )
RI = 15K to GND ( D- )
UVse
Single Ended Rx Threshold
0.8
2.0
V
UCom
Differential Common Mode
0.8
2.5
V
UVDif
Differential Input Sensitivity
0.2
V
UDrvZ
Driver Output Impedance
29
44
Ohm
**Note 5
**Note 5 – Driver Output Impedance includes the external 27R series resistors on USBDP and USBDM pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com