Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 25Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
DS232BL Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 24 of 25
FT232BL USB UART ( USB - Serial) I.C.
8.0 Document Revision History
DS232B Version 1.0 – Initial document created 30 April 2002.
DS232B Version 1.1 –
Updated 04 August 2002
•
Section 4.1 RESET# Pin description corrected (RESET# does not have an internal 200k pull-up to VCC as previously stated).
•
Figure 2 pin-out corrected (EECS = Pin 32).
DS232B Version 1.2 –
Updated 27 October 2003
•
Pin and package naming made consistent throughout data sheet.
•
Section 1.0 Updated to reflect availability of Mac OS X driver.
•
Section 2.0 Minor corrections.
•
Section 3.1 Minor changes to functional block descriptions of SIE, RESET Generator, and EEPROM interface.
•
Section 4.1 Note added to EEPROM interface group.
•
Section 4.1 RSTOUT# Pin description amended.
•
Section 6.1 Minimum operating supply voltage adjusted.
•
Section 6.1 EESK added to Note 3.
•
Section 6.1 UART IO pin characteristics amended.
•
Section 6.1 RESET#, TEST, EECS, EESK, and EEDATA pin characteristics amended.
•
Section 6.1 RSTOUT pin characteristics amended.
•
Section 7.1 Updated recommended ceramic resonator part number and circuit configuration.
•
Section 7.3 “USB Self Powered Configuration (1)” (original figure 8 removed). Recommended circuit for USB self powered designs updated. Subsequent figure numbers have changed as a
result.
•
Section 7.6 Note added to description of Bus powered circuit with 3.3V logic drive / supply voltage.
•
Section 7.6 Self Powered Circuit with 3.3V logic drive / supply voltage added (new figure 16).
DS232B Version 1.3 –
Updated 10 December 2003
•
Section 5.0 Package drawing amended
•
Section 6.0 Floor Life / Relative Humidity specification added. ESD and Latch Up specifications amended.
•
Section 7.1 Required resonator / crystal accuracy corrected.
DS232B Version 1.4 –
Updated 10 February 2004
•
Grammar Correcttions
•
Section 10.0 FTDI Address Updated
•
Section 2.0 Extended EEPROM Support corrected
•
Section 4.1 VCCIO Pin description amended.
•
Section 7.4 RS485 Example Sipex SP481 part number corrected.
DS232B Version 1.5 –
Updated April 2004
•
Section 4.1 EESK Pin Description amended.
•
Section 7.6 Figure 16 PWRCTL Pin number corrected.
•
Section 7.7 Figure 15 PWREN# Pin number corrected.
DS232B Version 1.6 –
Updated November 2004
•
Section 1.0 WinCE drivers now available.
•
Section 5.0 Date code format updated.
•
Section 6.0 Absolute Maximum Ratings table reformated.
DS232B Version 1.7 –
Updated February 2005
•
Section 1.0 D2XX drivers for Linux and Windows CE now available.
•
Section 5.0 FT232BL (lead Free) and FT232BQ (lead free QFN package) now available.
DS232B Version 1.8 –
Updated December 2005
•
Section 1.0 Driver OS Support updated.
•
Section 6.0 USB Data line absolute maximum rating added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com