Electronic Components Datasheet Search
  English  ▼

X  

TTL-232R Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # TTL-232R
Description  USB to TTL Serial Converter Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  TTL-232R Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TTL-232R-3V3 USB to TTL Serial Converter Cable (3.3V IO)
Datasheet Version 0.90
© Future Technology Devices International Ltd. 2006
Page 2
•
TTL-232R-3V3 Converter Cable provides a USB to
TTL Serial header interface (6 way, 0.1” pitch).
•
On board FT232RQ provides single chip USB to
asynchronous serial data transfer interface.
•
Entire USB protocol handled on the FT232RQ chip
- No USB-specific firmware programming required.
•
Connect directly to a microcontroller UART or I/O
pins
•
UART interface support for 7 or 8 data bits, 1 or 2
stop bits and odd / even / mark / space / no parity.
•
Fully assisted hardware (RTS#/CTS#) or X-On / X-
Off software handshaking.
•
Data transfer rates from 300 baud to 3 Megabaud
at TTL levels.
•
3.3V CMOS drive outputs and 5V safe TTL inputs
makes the TTL-232R-3V3 easy to interface to 3.3V
MCU’s.
•
FTDI’s royalty-free VCP allow for communication
as a standard COM port and D2XX ‘direct’ drivers
provide DLL application programming interface.
•
In-built support for event characters and line break
condition.
•
Support for FT232R FTDIChip-ID™ feature.
•
256 byte receive buffer and 128 byte transmit
buffer utilising buffer smoothing technology to allow
for high data throughput.
•
FIFO receive and transmit buffers for high data
throughput.
•
Adjustable receive buffer timeout.
•
Integrated 1024 bit internal EEPROM for storing
custom USB VID, PID, serial number and product
description strings.
•
Device supplied preprogrammed with unique USB
serial number.
•
Support for USB suspend and resume.
•
Cable supply voltage comes from USB - no
external supply required.
•
5V VCC output allow devices to be powered from
the USB port.
•
6 way 0.1” header connector (Tx, Rx, RTS#, CTS#,
Vcc, and GND)
•
Low USB bandwidth consumption.
•
UHCI / OHCI / EHCI host controller compatible
•
USB 2.0 Full Speed compatible.
•
-40°C to +85°C operating temperature range.
•
Connect to a PC via USB ‘A’ plug on 1.80 meter (6
foot) cable.
•
A 5V TTL I/O version is also availalable (TTL-
232R)
•
Custom versions also available (subject to MOQ).
1. Features
1.1 Hardware Features
Royalty-Free VIRTUAL COM PORT
(VCP) DRIVERS for...
•
Windows 98, 98SE, ME, 2000, Server 2003, XP.
•
Windows Vista / Longhorn*
•
Windows XP 64-bit.
•
Windows XP Embedded.
•
Windows CE.NET 4.2 & 5.0
•
MAC OS 8 / 9, OS-X
•
Linux 2.4 and greater
Royalty-Free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
•
Windows 98, 98SE, ME, 2000, Server 2003, XP.
•
Windows Vista / Longhorn*
•
Windows XP 64-bit.
•
Windows XP Embedded.
•
Windows CE.NET 4.2 & 5.0
•
MAC OS OS-X*
•
Linux 2.4 and greater
1.2 Driver Support
The drivers listed above are all available to download for free from the FTDI website. Various 3rd Party Drivers are
also available for various other operating systems - see the FTDI website for details.
* Currently Under Development. Contact FTDI for availability.
•
USB to Serial TTL Level Converter
•
Upgrading Legacy Peripherals to USB
•
Interface Microcontroller UART or I/O to USB
•
Interface FPGA / PLD to USB
•
Replace MAX232 type level shifters allowing for
direct connection of products to PC via USB
•
USB Instrumentation PC interface
•
USB Industrial Control
•
USB Software / Hardware Encryption Dongles
1.3 Typical Applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com