Electronic Components Datasheet Search
  English  ▼

X  

TTL-232R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # TTL-232R
Description  USB to TTL Serial Converter Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  TTL-232R Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Future Technology Devices International Ltd.
Copyright © Future Technology Devices International Ltd. 2006
TTL-232R-3V3
USB to TTL Serial
Converter Cable
The
TTL-232R-3V3 is a USB to TTL serial converter cable incorporating FTDI’s FT232RQ USB - Serial UART
interface IC device, the latest device to be added to FTDI’s range of USB UART interface Integrated Circuit Devices. It
is designed to allow for a fast, simple way to connect devices with a TTL level serial interface to USB.
The FT232RQ chip used by the TTL-232R-3V3 is housed within the USB ‘A’ connector. A 1.8 meter (6 foot) cable is
terminated with a 6 way 0.1” pitch header socket which provides access to the transmit (Tx), receive (Rx), RTS#, and
CTS#, as well as VCC (5V out) and GND.
The FT232R is a USB to serial UART interface with optional clock generator output, and the new FTDIChip-ID™
security dongle feature. In addition, asynchronous and synchronous bit bang interface modes are available. USB to
serial interface designs using the FT232R have been further simplified by fully integrating the external EEPROM, clock
circuit and USB resistors onto the device.
™


Similar Part No. - TTL-232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R Datasheet
508Kb / 8P
USB to TTL Serial Converter Cable
TTL-232R FTDI-TTL-232R Datasheet
557Kb / 26P
TTL TO USB SERIAL CONVERTER RANGE OF CABLES
TTL-232R FTDI-TTL-232R Datasheet
561Kb / 26P
TTL to USB Serial Converter Range of Cables
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
508Kb / 8P
USB to TTL Serial Converter Cable
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
557Kb / 26P
TTL TO USB SERIAL CONVERTER RANGE OF CABLES
More results

Similar Description - TTL-232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R Datasheet
508Kb / 8P
USB to TTL Serial Converter Cable
TTL-232R FTDI-TTL-232R_10 Datasheet
557Kb / 26P
TTL TO USB SERIAL CONVERTER RANGE OF CABLES
TTL-232R-PCB FTDI-TTL-232R-PCB Datasheet
373Kb / 16P
TTL to USB Serial Converter PCB
UC232R-10 FTDI-UC232R-10 Datasheet
27Kb / 1P
Economy USB - RS232 Serial Converter Cable
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
USB to Serial UART Bridge Converter
logo
Future Technology Devic...
TTL-232RG-VIP-WE FTDI-TTL-232RG-VIP-WE Datasheet
503Kb / 18P
TTL to USB Serial Converter Generic Cable
logo
ORing Industrial Networ...
ISC-1210U-I ORING-ISC-1210U-I Datasheet
723Kb / 3P
Industrial USB to Serial Media Converter
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R_V01 Datasheet
561Kb / 26P
TTL to USB Serial Converter Range of Cables
logo
Coolgear Inc.
USB-232TTLMOS COOLGEAR-USB-232TTLMOS Datasheet
126Kb / 3P
USB to RS232 TTL
logo
Advantech Co., Ltd.
BB-TTL3USB9M ADVANTECH-BB-TTL3USB9M Datasheet
349Kb / 2P
USB to TTL Miniature Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com