Electronic Components Datasheet Search
  English  ▼

X  

MB3769APF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB3769APF
Description  SWITCHING REGULATOR CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3769APF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB3769APF Datasheet HTML 9Page - fujitsu semiconductor MB3769APF Datasheet HTML 10Page - fujitsu semiconductor MB3769APF Datasheet HTML 11Page - fujitsu semiconductor MB3769APF Datasheet HTML 12Page - fujitsu semiconductor MB3769APF Datasheet HTML 13Page - fujitsu semiconductor MB3769APF Datasheet HTML 14Page - fujitsu semiconductor MB3769APF Datasheet HTML 15Page - fujitsu semiconductor MB3769APF Datasheet HTML 16Page - fujitsu semiconductor MB3769APF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MB3769A
13
7. Output Section
Because the OUT terminal (pin 9) carries a large current, the collector and emitter of the output transistor are brought out to the
VH and VL terminals. In principle, VH is connected to VCC and VL is connected to GND, but VH can be supplied from another
power supply (4 V to 18 V). Note that VL and GND should be connected as close to the IC package as possible. A capacitor of
0.1
µF or more is inserted between VH and VL (see Figure 9).
Fig. 8 - MB3769A Primary Control
MB3769A
C
R
Fig. 9 - MB3769A Typical Connection Circuit Of Output
10
9
≥ 0.1 µF
12
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com