Electronic Components Datasheet Search
  English  ▼

X  

MB3769APF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3769APF
Description  SWITCHING REGULATOR CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3769APF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3769APF Datasheet HTML 17Page - fujitsu semiconductor MB3769APF Datasheet HTML 18Page - fujitsu semiconductor MB3769APF Datasheet HTML 19Page - fujitsu semiconductor MB3769APF Datasheet HTML 20Page - fujitsu semiconductor MB3769APF Datasheet HTML 21Page - fujitsu semiconductor MB3769APF Datasheet HTML 22Page - fujitsu semiconductor MB3769APF Datasheet HTML 23Page - fujitsu semiconductor MB3769APF Datasheet HTML 24Page - fujitsu semiconductor MB3769APF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MB3769A
21
■ TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
10.0
8.0
6.0
4.0
2.0
0.0
0.0
4.0
8.0
12.0
16.0
20.0
Fig. 24 -Power Supply Voltage vs.
Power Supply Current
(Low Voltage stop of VCC)
2
1
0
-30
+ 0
+ 25
+ 50
+ 85
Fig. 25 -Standby Current vs.
Operating Ambient Temperature
OVP
operating
V13 = 5 V
Normal
operating
V13 = 0 V
VCC = 8 V
Power Supply Voltage VCC (V)
Operating Ambient Temperature Ta (
°C)
Fig. 26 -Reference Voltage
Fig. 27 -“L” level Output Voltage vs.
“L” level Output Current
VCC = 15 V
Ta = +25
°C
3
2
1
00.2
0.4
0.6
0.8
“L” level Output Current IOL (mA)
VCC = 15 V
IREF = 1 mA
5.1
5.0
4.9
0
-30
0
+ 25
+ 50
+ 85
Operating Ambient Temperature Ta (
°C)
5
4
3
2
1
0
24
6
8
10
“H” level Output Current IOH (mA)
Fig. 28 -“H” level Output Voltage vs.
“H” level Output Current
OVP
operating
±750
µV/C
VCC = 15 V
Ta = +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com