Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL128
Description  Plug and Play VGA to NTSC / PAL Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL128 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL128 Datasheet HTML 1Page - AverLogic Technologies Inc AL128 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AVERLOGIC TECHNOLOGIES, INC. E-mail: sales_usa@averlogic.com
URL: www.averlogic.com
AVERLOGIC TECHNOLOGIES, CORP. E-mail: sales@averlogic.com.tw
URL: www.averlogic.com.tw
February 25, 2003
AL128
Plug and Play VGA to NTSC / PAL Converter
Applications
− PC ready multimedia TV
− TV output for laptop, network,
entertainment PC
− Net browser/set-top box
− Internet TV
− VGA add-on card with TV output
− VGA to TV converter box
Description
The AL128 PC to TV scan converter chip
accepts graphic data up to 1024x768
resolution from PC and Macintosh graphics
controllers and converts it into high quality
NTSC or PAL TV signals. This new chip is
pin-to-pin compatible with the AverLogic
AL100 but provides analog RGB output for
SCART implementation.
• Convert non-interlaced VGA or Macintosh video into
interlaced TV format (NTSC/PAL)
• Analog RGB output for SCART interface
• Highly integrated design with built-in NTSC/PAL
encoder, ADC, DAC and SRAM
• High clarity 5-line anti-flicker filter
• 8 levels of sharpness control
• Supports up to full 1024x768 VGA resolution
• Automatically supports scan rate from 50Hz up to 100Hz
• Linear vertical and horizontal over/underscan control
• Zoom and freeze controls
• Four-touch-button interface with on-screen-menu on TV
• Horizontal and vertical position/panning control
• Optional digital 24-bit RGB/VAFC interface
• Power down feature controlled by software or hardware
• Full programmability via I2C interface
• Brightness control
• Built-in color bar
• Thin, small LQFP package for PCMCIA or notebooks
• 28x28 PQFP package available upon request
Timing
Generating
2C
8-bit
ADC
MUX
9-bit
DAC
8-bit
ADC
8-bit
ADC
9-bit
DAC
9-bit
DAC
Memory
Management
Unit
Memory
Configuration
Setup
Digital
Video
Processor
Digital
TV
Encoder
Video
Memory
Push Button
Interface
VRT
VRB
ADEN
R
G
B
Digital R, G, B
AY / R
AC / G
ACMP / B
RSET
VREF
COMP
Field Memory
GHSYNC
GVSYNC
GHSDIV
GCLK
AL128-01
I2C
Interface


Similar Part No. - AL128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL128 ETC-AL128 Datasheet
498Kb / 45P
Plug and Play VGA to NTSC/PAL Converter
More results

Similar Description - AL128

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN89201 PANASONIC-MN89201 Datasheet
64Kb / 11P
VGA-NTSC Scan Converter
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
Integrated PAL and PAL/NTSC TV processors
March 1994
logo
Mitel Networks Corporat...
VP520S MITEL-VP520S Datasheet
162Kb / 16P
PAL/NTSC to CIF/QCIF Converter
logo
Rohm
BA7045 ROHM-BA7045 Datasheet
185Kb / 8P
NTSC TO PAL FORMAT CONVERTER
logo
List of Unclassifed Man...
AL128 ETC-AL128 Datasheet
498Kb / 45P
Plug and Play VGA to NTSC/PAL Converter
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
VGA to NTSC/PAL Encoder
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
Scalable VGA to NTSC/PAL Encoder
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
Integrated PAL and PAL/NTSC TV processor
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
NTSC and PAL output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com