Electronic Components Datasheet Search
  English  ▼

X  

AL128 Datasheet(PDF) 2 Page - AverLogic Technologies Inc

Part # AL128
Description  Plug and Play VGA to NTSC / PAL Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL128 Datasheet(HTML) 2 Page - AverLogic Technologies Inc

  AL128 Datasheet HTML 1Page - AverLogic Technologies Inc AL128 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVERLOGIC TECHNOLOGIES, INC. E-mail: sales_usa@averlogic.com
URL: www.averlogic.com
AVERLOGIC TECHNOLOGIES, CORP. E-mail: sales@averlogic.com.tw
URL: www.averlogic.com.tw
February 25, 2003
An
integrated
high-quality
anti-flicker
filter
(SmartFilter
 ) removes the unpleasant flicker
caused by the interlaced display of high contrast
graphics while maintaining the original clarity
and sharpness of informative data such as natural
pictures and text.
With 512Kbytes of memory, plug-and-play is
achieved by automatically detecting the scan rate
and resolution of the incoming graphic signals
without the use of software. With less memory
than other solutions on the market, high resolution
data is processed and stored by using a complex
and proprietary buffer management system. No
compromise is made at all with video quality by
using
either
compression
or
sub-sampling
algorithms.
The major functions of the AL128 can be
accessed using four push buttons combined with
the on-screen-menu feature, this eliminates the
cost of a micro-controller and complex control
panel. The superior quality scaling algorithm,
which reduces the jagged-edge artifacts from line
dropping, can smoothly fit graphics of 640x480
(up to 100 Hz) and 1024x768 (up to 75Hz)
resolutions into the visible region of the NTSC or
PAL screen. Both horizontal and vertical sizes
can be linearly adjusted.
Additional features
include eight levels of flicker control using 5-line
filter, zoom control and picture freeze.
This highly integrated mix-signal chip, packaged
in 24mm x 24mm 160-pin LQFP (low quad flat
package), is powered by a single 5-volt power
supply. Power-down is achieved by using either
hardware or software control.
The enhanced features and superior quality make
the AL128 very suitable for PC video to TV
conversion in PC ready multimedia TV’s, scan
converter boxes, VGA add-on cards, Web TVs, or
network / laptop PCs.
Functional Description
Either analog RGB or digital RGB data can be
input to the chip. The analog RGB data is
digitized by three 50MHz 8-bit video A/D’s and is
converted into 24-bit digital RGB data. For
graphic controllers with standard or proprietary
digital RGB output such as a high-color feature
connector, VAFC, or flat panel interface, the
optional 24-bit digital RGB interface provides a
solution for optimal video quality.
The 24-bit digital RGB is passed to the digital
processing unit of the chip. This DSP unit
performs scan conversion operations and other
digital signal processing such as flicker filtering,
YUV filtering, scaling and color space conversion
in the digital domain. The processed video data is
sent to the digital TV encoder for converting into
broadcast quality composite and S-video signals
or original RGB format, which are in turn
converted by three 9-bit D/A converters into
analog outputs.
Functions
can
be
controlled
by
dedicated
hardware pins as well as software.
The I
2C
interface provides full software programmability.
The
aforementioned
hardware
and
software
programmability also applies for the power-down
feature. Alternatively only four push buttons are
required to control the major functions such as
sharpness, pan, zoom, brightness, color bar output
and position centering without the use of software
or microcontroller.
For more information about the AL128 or the
other products from AverLogic, please contact
our local representatives, visit our website, or
contact us directly.
DISTRIBUTED BY:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com