Electronic Components Datasheet Search
  English  ▼

X  

CE81 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # CE81
Description  Semicustom CMOS Embedded array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CE81 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button CE81 Datasheet HTML 6Page - fujitsu semiconductor CE81 Datasheet HTML 7Page - fujitsu semiconductor CE81 Datasheet HTML 8Page - fujitsu semiconductor CE81 Datasheet HTML 9Page - fujitsu semiconductor CE81 Datasheet HTML 10Page - fujitsu semiconductor CE81 Datasheet HTML 11Page - fujitsu semiconductor CE81 Datasheet HTML 12Page - fujitsu semiconductor CE81 Datasheet HTML 13Page - fujitsu semiconductor CE81 Datasheet HTML 14Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CE81 Series
13
■ PACKAGES
The table below lists the package types available and the reference number of gates used.
Consult Fujitsu for the combination of each package and the availability.
• Number of gates used and package types
Note : The packages that can be used depend on the circuit configuration. For details, contact Fujitsu.
304
352
480
560
660
720
T
A
B
B
G
A
0.80
0.80
1.00
1.00
1.00
1.00
891k
9129k
3609k
2689k
1905k
1254k
Package
&
Pin Count
Pin
Pitch
(mm)
112
176
192
240
272
288
F
B
G
A
0.80
0.80
0.80
0.50
0.80
0.75
514k
2697k
1550k
2697k
1098k
722k
208
240
256
304
304
H
Q
F
P
0.50
0.50
0.40
0.50
0.50
1098k
15158k
4712k
3764k
2085k
100
120
T
Q
F
P
0.50
0.40
514k
514k
144
176
208
L
Q
F
P
0.50
0.50
0.50
722k
1098k
963k
576
660
672
E
B
G
A
1.27
1.00
1.27
5982k
7952k
12727k
0
2000k
4000k
6000k
8000k
10000k
12000k
14000k
16000k
18000k
20000k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com