Electronic Components Datasheet Search
  English  ▼

X  

TS8405P Datasheet(PDF) 12 Page - Taiwan Semiconductor Company, Ltd

Part # TS8405P
Description  Single P-Channel 1.8V Specified MicroSURF?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS8405P Datasheet(HTML) 12 Page - Taiwan Semiconductor Company, Ltd

Back Button TS8405P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS8405P Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Dimensional Outline and Pad Layout
PRELIMINARY DATA SHEET
0.80mm
0.80mm
Ø 0.30mm
Solder Mask Ø ~ 0.40mm
LAND PATTERN
RECOMMENDATION
DD
S
G
D = Drain Pad
S = Source Pad
G = Gate Pad
SILICON
0.80mm
MAX
0.27mm
0.80mm
1.50mm
0.80mm
0.35mm
0.35mm
Bump Ø 0.37mm
1.50mm
11
EXXXX
BACKSIDE VIEW (NO BUMP SIDE VIEW)
Mark on backside of die
E = 8405P Product Code
XXXX = Lot Traceability Code
Mark is located in lower right quadrant
on top of Source pad. Gate pad is located
in lower left quadrant.
Bumps are Eutectic solder 63/37 Sn/Pb
9/14/03 Rev5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com