Electronic Components Datasheet Search
  English  ▼

X  

DDP3300A Datasheet(PDF) 39 Page - Micronas

Part # DDP3300A
Description  Single-Chip Display and Deflection Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3300A Datasheet(HTML) 39 Page - Micronas

Back Button DDP3300A Datasheet HTML 35Page - Micronas DDP3300A Datasheet HTML 36Page - Micronas DDP3300A Datasheet HTML 37Page - Micronas DDP3300A Datasheet HTML 38Page - Micronas DDP3300A Datasheet HTML 39Page - Micronas DDP3300A Datasheet HTML 40Page - Micronas DDP3300A Datasheet HTML 41Page - Micronas DDP3300A Datasheet HTML 42Page - Micronas DDP3300A Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
DDP 3300 A
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
39
4.6.5. Bus Inputs: Luma, Chroma, OSD, Front Sync (see Fig. 4–17)
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
Y[0..7]
C[0 7]
–
–
0.8
V
VIH
Input High Voltage
C[0..7]
OSD[0:4]
FSY
1.5
–
–
V
tIS
Input Setup Time
FSY
7
–
–
ns
tIH
Input Hold Time
–
–
6
ns
Data Inputs
Main Clock
tIS
tIH
Y,C,RGB,Fsync
Fig. 4–17: Picture bus input timing
4.6.6. 20.25 MHz Main Clock Input, internally AC coupled (see Fig. 4–18)
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIT
Input Trigger Level
CLK20
2.1
2.5
2.9
V
fΦ
Φ Main Clock Frequency
10
20.25
24
MHz
VΦMIDC
Φ Main Clock Input DC Volt-
age
1.0
–
3.5
V
VΦMIAC
Φ M Clock Input AC Voltage
(p–p)
0.8
–
2.5
V
tΦMIH
tΦMIL
Φ M Clock Input High/Low
Ratio
0.9
1.0
1.1
tΦMIHL
Φ M Clock Input High to Low
Transition Time
–
–
0.15
fΦM
tΦMILH
Φ M Clock Input Low to High
Transition Time
–
–
0.15
fΦM
tΦMILH
0 V
VΦMIDC
VΦMIAC
tΦMIHL
tΦMIH
tΦMIL
DVSS
Fig. 4–18: Main clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com