Electronic Components Datasheet Search
  English  ▼

X  

IRS2092 Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2092
Description  PROTECTED DIGITAL AUDIO AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2092 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2092 Datasheet HTML 5Page - International Rectifier IRS2092 Datasheet HTML 6Page - International Rectifier IRS2092 Datasheet HTML 7Page - International Rectifier IRS2092 Datasheet HTML 8Page - International Rectifier IRS2092 Datasheet HTML 9Page - International Rectifier IRS2092 Datasheet HTML 10Page - International Rectifier IRS2092 Datasheet HTML 11Page - International Rectifier IRS2092 Datasheet HTML 12Page - International Rectifier IRS2092 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IRS2092
www.irf.com
© 2007 International Rectifier
9
frequency
Protection
VREF
Reference output voltage
4.8
5.1
5.4
IOREF =0.5 mA
VthOCL
Low side OC threshold in Vs
1.1
1.2
1.3
OCSET=1.2 V,
Fig.6
VthOCH
High side OC threshold in VCSH
1.1+ Vs
1.2+ Vs
1.3+ Vs
Vs=200 V,
Vth1
CSD pin shutdown release threshold
0.62xVDD
0.70xVDD
0.78xVDD
Vth2
CSD pin self reset threshold
0.26xVDD
0.30xVDD
0.34xVDD
V
ICSD+
CSD pin discharge current
70
100
130
VCSD = VSS +5 V
ICSD-
CSD pin charge current
70
100
130
µA
VCSD = VSS +5 V
tSD
Shutdown propagation delay from VCSD >
VSS + VthOCH to Shutdown
-
-
250
tOCH
Propagation delay time from VCSH >
VthOCH to Shutdown
-
-
500
Fig.3
tOCL
Propagation delay time from Vs> VthOCL
to Shutdown
-
-
500
ns
Fig.4
Gate Driver
Io+
Output high short circuit current (Source)
-
1.0
-
A
Vo=0 V, PW<10 µs
Io-
Output low short circuit current (Sink)
-
1.2
-
A
Vo=12 V, PW<10 µs
VOL
Low level out put voltage
LO – COM, HO - VS
-
-
0.1
VOH
High level out put voltage
VCC – LO, VB - HO
-
-
1.4
V
Io=0 A
ton
High and low side turn-on propagation
delay
-
360
-
VDT = VCC
toff
High and low side turn-off propagation
delay
-
335
-
VDT = VCC
tr
Turn-on rise time
-
20
50
tf
Turn-off fall time
-
15
35
DT1
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)
15
25
35
VDT>VDT1,
DT2
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)
25
40
55
VDT1>VDT> VDT2,
DT3
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)
50
65
85
VDT2>VDT> VDT3,
DT4
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DTHO-LO)VDT= VDT4
85
105
135
ns
VDT3>VDT> VDT4,
VDT1
DT mode select threshold 2
0.51xVcc
0.57xVcc
0.63xVcc
VDT2
DT mode select threshold 3
0.32xVcc
0.36xVcc
0.40xVcc
VDT3
DT mode select threshold 4
0.21xVcc
0.23xVcc
0.25xVcc
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com