Electronic Components Datasheet Search
  English  ▼

X  

IRS2092 Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2092
Description  PROTECTED DIGITAL AUDIO AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2092 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2092 Datasheet HTML 9Page - International Rectifier IRS2092 Datasheet HTML 10Page - International Rectifier IRS2092 Datasheet HTML 11Page - International Rectifier IRS2092 Datasheet HTML 12Page - International Rectifier IRS2092 Datasheet HTML 13Page - International Rectifier IRS2092 Datasheet HTML 14Page - International Rectifier IRS2092 Datasheet HTML 15Page - International Rectifier IRS2092 Datasheet HTML 16Page - International Rectifier IRS2092 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IRS2092
www.irf.com
© 2007 International Rectifier
13
Lead Definitions: IRS2092
Pin #
Symbol
Description
1
VAA
Floating input positive supply
2
GND
Floating input supply return
3
IN-
Analog inverting input
4
COMP
Phase compensation input, comparator input
5
CSD
Shutdown timing capacitor
6
VSS
Floating input negative supply
7
VREF
5V reference voltage to program OCSET pin
8
OCSET
Low side over current threshold setting
9
DT
Deadtime program input
10
COM
Low side supply return
11
LO
Low side output
12
VCC
Low side supply
13
VS
High side floating supply return
14
HO
High side output
15
VB
High side floating supply
16
CSH
High side over current sensing input
Lead Assignments
VAA
GND
IN-
OCSET
COM
COMP
CSD
LO
VCC
VREF
HO
VS
VSS
1
2
3
4
5
6
7
8
CSH
16
15
14
13
12
11
10
9
VB
DT
PDIP16 and SOIC16N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com