Electronic Components Datasheet Search
  English  ▼

X  

502.058 Datasheet(PDF) 3 Page - France Joint

Part # 502.058
Description  PISTON SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

502.058 Datasheet(HTML) 3 Page - France Joint

  502.058 Datasheet HTML 1Page - France Joint 502.058 Datasheet HTML 2Page - France Joint 502.058 Datasheet HTML 3Page - France Joint 502.058 Datasheet HTML 4Page - France Joint 502.058 Datasheet HTML 5Page - France Joint 502.058 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.francejoint.com
L1
R2
C
R1
INSTALLATION DIMENSIONS
Bore diameter
ØD1 H9
Groove diameter
Groove width
Radial section
O'Ring
cross-section
BECA 500
Standard range
BECA 502
Light range
BECA 504
Heavy-duty range
Ød1 h9
L1 0/+0.20
S
Ød2
8.0 - 14.9
15.0 - 39.9
---
D1 - 4.90
2.20
2.45
1.78
15.0 - 39.9
40.0 - 79.9
---
D1 - 7.50
3.20
3.75
2.62
40.0 - 79.9
80.0 - 132.9
15.0 - 39.9
D1 - 11.00
4.20
5.50
3.53
80.0 - 132.9
133.0 - 329.9
40.0 - 79.9
D1 - 15.50
6.30
7.75
5.33
133.0 - 329.9
330.0 - 669.9
80.0 - 132.9
D1 - 21.00
8.10
10.50
6.99
330.0 - 669.9
670.0 - 999.9
133.0 - 329.9
D1 - 24.50
8.10
12.25
6.99
670.0 - 999.9
1000.0 - **
330.0 - 669.9
D1 - 28.00
9.50
14.00
8.40
1000.0 - **
---
1000.0 - **
D1 - 38.00
13.80
19.00
12.00
For special applications > 40 MPa, we recommend using an H8/f8 tolerance (bore/piston) or selecting other, more suitable materials. Please
contact our experts.
* The codes that define the materials are set out in the materials table on the previous page.
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Friction ring, PTFE + 60% Bronze - Code DB
________________ : NBR 70 Shore A O'Ring - Code K6
Bore diameter ____ : ØD1 = 50.00 mm
Groove diameter __ : Ød1 + 39.00 mm
Part number______ : 500. 050DBK6
Family
Bore diameter
Friction ring material*
O'Ring material*
500.
050
DB
K6
Part number -
HYDRAULIC SEALS | PISTON SEALS |
BECA 500 - 502 - 504



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com