Electronic Components Datasheet Search
  English  ▼

X  

502.058 Datasheet(PDF) 1 Page - France Joint

Part # 502.058
Description  PISTON SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

502.058 Datasheet(HTML) 1 Page - France Joint

  502.058 Datasheet HTML 1Page - France Joint 502.058 Datasheet HTML 2Page - France Joint 502.058 Datasheet HTML 3Page - France Joint 502.058 Datasheet HTML 4Page - France Joint 502.058 Datasheet HTML 5Page - France Joint 502.058 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
EXTRUSION GAPS
Radial section
S
Radial gap
F/2
10 MPa
20 MPa
40 MPa
2.45
0.30
0.20
0.15
3.75
0.40
0.25
0.15
5.50
0.40
0.25
0.20
7.75
0.50
0.30
0.20
10.50
0.60
0.35
0.25
12.25
0.60
0.35
0.25
14.00
0.70
0.50
0.30
19.00
1.00
0.70
0.60
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.05 - 0.2 µm
≤1.6 µm
≤3.2 µm
Rz
0.4 - 1.6 µm
≤6.3 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤10.0 µm
≤16.0 µm
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
2.45
0.30
0.40
3.00
3.75
0.30
0.60
3.00
5.50
0.30
1.00
3.00
7.75
0.30
1.30
5.00
10.50
0.30
1.80
6.00
12.25
0.30
1.80
8.00
14.00
0.30
2.50
10.00
19.00
0.30
3.00
12.00
DESCRIPTION
The BECA 500 - 502 - 504 profiles
are double acting composite piston
seals composed of a filled PTFE
friction ring and pre-tightened rubber
O'Ring. They can be assembled
in grooves according to standard
ISO 7425/1. Option of connecting
the seal to 1 or 2 back-up rings.
ADVANTAGES
Optimal sealing in static and
dynamic applications
Low friction coefficient;
no stick-slip effect
Excellent abrasion and
extrusion resistance
Wide temperature range and excellent
chemical resistance, depending on
the material selected for the O'Ring
APPLICATIONS
Mobile hydraulics
Injection presses
Machine tools
Presses
Standard cylinders
MATERIALS
Friction ring
Bronze-filled PTFE
Carbon-filled PTFE
Blue GL PTFE
O'Ring
NBR 70 Shore A
FKM 70 Shore A
Other grades of materials are
available. Please refer to the
materials table on the next page.
TECHNICAL DATA
Temperature
-30°C / +200°C
Pressure
50 MPa
Speed
5 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
PISTON SEALS
BECA
500-502-504
HYDRAULIC SEALS | PISTON SEALS |
BECA 500 - 502 - 504


Similar Part No. - 502.058

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502 MARL-502 Datasheet
433Kb / 5P
횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
logo
Vishay Siliconix
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
logo
Infinite Electronics In...
502 L-COM-502 Datasheet
478Kb / 1P
Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool
logo
Dremel
502 DREMEL-502 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Laird Tech Smart Techno...
502 LSTD-502 Datasheet
213Kb / 2P
TputtyTM 502 Series Thermal Gap Filler
12-6-17
More results

Similar Description - 502.058

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
8083959 FESTO-8083959 Datasheet
68Kb / 1P
Piston actuator
8083961 FESTO-8083961 Datasheet
69Kb / 1P
Piston actuator
8083962 FESTO-8083962 Datasheet
68Kb / 1P
Piston actuator
8083963 FESTO-8083963 Datasheet
69Kb / 1P
Piston actuator
8083965 FESTO-8083965 Datasheet
70Kb / 1P
Piston actuator
8083966 FESTO-8083966 Datasheet
69Kb / 1P
Piston actuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com