Electronic Components Datasheet Search
  English  ▼

X  

UG06B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UG06B
Description  0.6 AMP. Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG06B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UG06B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG06B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 363 -
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.6
0.8
1.0
0.4
1.2
1.4
1.6
0.01
1
RATINGS AND CHARACTERISTIC CURVES (UG06A THRU UG06D)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
1
10
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.01
1
10
1000
0.1
0.1
10
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FORWARD VOLTAGE. (V)
1
Tj=100 C
0
Tj=50
0C
Tj=100 C
0
100
Tj=50 C
0
Pulse Width=300 s
1% Duty Cycle
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
0
0
TEMPERATURE. ( C)
o
0.15
0.3
0.45
0.6
0.75
0.9
25
50
75
100
125
150
175
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TA, AMBIENT
TEMPERATURE
P.C.B. MOUNTED
0.7 x 0.7" (8x8mm)
COPPER PAD
TL=75 C
8.3ms Single Half Sine Wave
JEDEC Method
0
100
100
TL, Lead Temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com