Electronic Components Datasheet Search
  English  ▼

X  

UG06B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG06B
Description  0.6 AMP. Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG06B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG06B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG06B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 362 -
UG06A THRU UG06D
0.6 AMP. Ultrafast Plastic Rectifiers
Voltage Range
50 TO 200 Volts
Current
0.6 Ampere
Features
Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
Ideally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
Ultrafast recovery time for high efficiency
Excellent high temperature switching
Glass passivated junction
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead lengths at 5
lbs.,(2.3kg) tension
Mechanical Data
Cases: Void free molded plastic body over glass
passivated chip
Terminals: Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.0064 ounce, 0,181 gram
TS-1
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
UG06A
UG06B
UG06C
UG06D
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length @TL = 75
℃
I(AV)
0.6
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method ) @TL = 75
℃
IFSM
40
A
Maximum Instantaneous Forward Voltage
@ 0.6A
VF
0.95
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
15
nS
Typical Junction Capacitance ( Note 2 )
Cj
9.0
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
R
θJL
97
28
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Thermal Resistance from Junction to Ambient at 0.375” (9.5mm) Lead Length. Mount on
Cu-Pad Size 0.2” x 0.2” (5mm x 5mm) on PCB.


Similar Part No. - UG06B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG06B GE-UG06B Datasheet
51Kb / 2P
MINIATURE ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
UG06B TSC-UG06B Datasheet
247Kb / 2P
0.6 AMP. Glass Passivated Super Fast Rectifiers
logo
Vishay Siliconix
UG06B VISHAY-UG06B Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
UG06B VISHAY-UG06B Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
logo
Taiwan Semiconductor Co...
UG06B TSC-UG06B Datasheet
602Kb / 2P
0.6AMP. Glass Passivated Super Fast rectifiers
More results

Similar Description - UG06B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FES16JT VISHAY-FES16JT Datasheet
187Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
FESF16FT VISHAY-FESF16FT Datasheet
190Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
First Components Intern...
UF08-00 FCI-UF08-00 Datasheet
112Kb / 2P
8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
UF30C05 FCI-UF30C05 Datasheet
131Kb / 2P
30 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS
logo
EIC discrete Semiconduc...
FES8AT EIC-FES8AT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
FES16XX EIC-FES16XX Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_1 Datasheet
68Kb / 2P
1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
logo
First Components Intern...
HERS101G FCI-HERS101G Datasheet
207Kb / 2P
1.0 Amp ULTRAFAST SMD PLASTIC RECTIFIERS
logo
Formosa MS
MUR1020CT FORMOSA-MUR1020CT Datasheet
227Kb / 2P
Ultrafast Plastic Rectifiers
MUR1620CT FORMOSA-MUR1620CT Datasheet
108Kb / 2P
Ultrafast Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com