Electronic Components Datasheet Search
  English  ▼

X  

TS-034 Datasheet(PDF) 1 Page - AG Electronica

Part # TS-034
Description  PUSH BUTTON SMD 12V/0.5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

TS-034 Datasheet(HTML) 1 Page - AG Electronica

  TS-034 Datasheet HTML 1Page - AG Electronica TS-034 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS-034: PUSH BUTTON SMD 12V/0.5A
Descripción
Mini interruptor pulsador de cinco terminales con botón superficial, configuración SPST (Single Pole
Single Throw), donde pole se refiere al número de circuitos controlados por el interruptor y Throw se
refiere a la posición externa del interruptor. Permite el flujo de corriente solamente mientras es
presionado, por lo que permite desviar o interrumpir el curso de una corriente eléctrica. Ideal para
utilizarse en protoboards.
El switch se solda superficialmente sobre placas de circuito impreso (PCB) por medio de cautín y
soldadura.
Diagrama eléctrico
Especificaciones
Configuración: SPST.
Terminal: 5 pines (2 de on, 2 de off y uno conectado a tierra).
Especificaciones eléctricas: 12VDC/0.5A y 250VAC(50Hz).
Temperatura de funcionamiento: -10°C ~ +60°C.
http://www.agelectronica.com
http://www.agelectronica.com


Similar Part No. - TS-034

ManufacturerPart #DatasheetDescription
logo
AG Electronica
TS-034A AGELECTRONICA-TS-034A Datasheet
299Kb / 2P
PUSH BUTTON SMD 12V/0.5A
06/05/2019
More results

Similar Description - TS-034

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
logo
CW Industries
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
PUSH BUTTON BOXES
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
CW Industries
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Schneider Electric
9001KR25GM SCHNEIDER-9001KR25GM Datasheet
151Kb / 5P
Momentary Push Button
Dec 23, 2021
logo
Littelfuse
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com