Electronic Components Datasheet Search
  English  ▼

X  

TS-034 Datasheet(PDF) 2 Page - AG Electronica

Part # TS-034
Description  PUSH BUTTON SMD 12V/0.5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

TS-034 Datasheet(HTML) 2 Page - AG Electronica

  TS-034 Datasheet HTML 1Page - AG Electronica TS-034 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Aplicaciones
El interruptor botón se puede utilizar para la creación de circuitos electrónicos que requieran un
interruptor para controlar el flujo de corriente y alimentar diferentes partes del circuito o elegir
diferentes configuraciones de forma manual.
Dimensiones
http://www.agelectronica.com
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
PUSH BUTTON SMD 12V/0.5A
No. Parte: TS-034
Fecha:
06/05/2019
REALIZO: DCR
REV: DMSP
ESCALA:
N/A
TOLERANCIA:
N/A
http://www.agelectronica.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com