Electronic Components Datasheet Search
  English  ▼

X  

AT89C52 Datasheet(PDF) 13 Page - SYC Electronica

Part # AT89C52
Description  8-bit Microcontroller with 8K Bytes Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

AT89C52 Datasheet(HTML) 13 Page - SYC Electronica

Back Button AT89C52 Datasheet HTML 9Page - SYC Electronica AT89C52 Datasheet HTML 10Page - SYC Electronica AT89C52 Datasheet HTML 11Page - SYC Electronica AT89C52 Datasheet HTML 12Page - SYC Electronica AT89C52 Datasheet HTML 13Page - SYC Electronica AT89C52 Datasheet HTML 14Page - SYC Electronica AT89C52 Datasheet HTML 15Page - SYC Electronica AT89C52 Datasheet HTML 16Page - SYC Electronica AT89C52 Datasheet HTML 17Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AT89C52
13
Program Memory Lock Bits
The AT89C52 has three lock bits that can be left unpro-
grammed (U) or can be programmed (P) to obtain the
additional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin
is sampled and latched during reset. If the device is pow-
ered up without a reset, the latch initializes to a random
value and holds that value until reset is activated. The
latched value of EA must agree with the current logic level
at that pin in order for the device to function properly.
Programming the Flash
The AT89C52 is normally shipped with the on-chip Flash
memory array in the erased state (that is, contents = FFH)
and ready to be programmed. The programming interface
accepts either a high-voltage (12-volt) or a low-voltage
(V
CC) program enable signal. The Low-voltage program-
ming mode provides a convenient way to program the
AT89C52 inside the user’s system, while the high-voltage
programming mode is compatible with conventional third-
party Flash or EPROM programmers.
The AT89C52 is shipped with either the high-voltage or
low-voltage programming mode enabled. The respective
top-side marking and device signature codes are listed in
the following table.
The AT89C52 code memory array is programmed byte-by-
byte in either programming mode. To program any non-
blank byte in the on-chip Flash Memory, the entire memory
must be erased using the Chip Erase Mode.
Programming Algorithm Before programming the
AT89C52, the address, data and control signals should be
set up according to the Flash programming mode table and
Figure 9 and Figure 10. To program the AT89C52, take the
following steps.
1.
Input the desired memory location on the address
lines.
2.
Input the appropriate data byte on the data lines.
3.
Activate the correct combination of control signals.
4.
Raise EA/VPP to 12V for the high-voltage program-
ming mode.
5.
Pulse ALE/PROG once to program a byte in the
Flash array or the lock bits. The byte-write cycle is
self-timed and typically takes no more than 1.5 ms.
Repeat steps 1 through 5, changing the address
and data for the entire array or until the end of the
object file is reached.
Data Polling The AT89C52 features Data Polling to indi-
cate the end of a write cycle. During a write cycle, an
attempted read of the last byte written will result in the com-
plement of the written data on PO.7. Once the write cycle
has been completed, true data is valid on all outputs, and
the next cycle may begin. Data Polling may begin any time
after a write cycle has been initiated.
Ready/Busy The progress of byte programming can also
be monitored by the RDY/BSY output signal. P3.4 is pulled
low after ALE goes high during programming to indicate
BUSY. P3.4 is pulled high again when programming is
done to indicate READY.
Program Verify If lock bits LB1 and LB2 have not been
programmed, the programmed code data can be read back
via the address and data lines for verification. The lock bits
cannot be verified directly. Verification of the lock bits is
achieved by observing that their features are enabled.
Chip Erase The entire Flash array is erased electrically by
using the proper combination of control signals and by
holding ALE/PROG low for 10 ms. The code array is written
with all 1s. The chip erase operation must be executed
before the code memory can be reprogrammed.
Lock Bit Protection Modes
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features.
2
P
U
U
MOVC instructions executed
from external program
memory are disabled from
fetching code bytes from
internal memory, EA is
sampled and latched on reset,
and further programming of
the Flash memory is disabled.
3
P
P
U
Same as mode 2, but verify is
also disabled.
4
P
P
P
Same as mode 3, but external
execution is also disabled.
V
PP = 12V
V
PP = 5V
Top-side Mark
AT89C52
xxxx
yyww
AT89C52
xxxx - 5
yyww
Signature
(030H) = 1EH
(031H) = 52H
(032H) = FFH
(030H) = 1EH
(031H) = 52H
(032H) = 05H
V
PP = 12V
V
PP = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com