Electronic Components Datasheet Search
  English  ▼

X  

AMC358 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC358
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC358 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC358 Datasheet HTML 1Page - ADDtek Corp AMC358 Datasheet HTML 2Page - ADDtek Corp AMC358 Datasheet HTML 3Page - ADDtek Corp AMC358 Datasheet HTML 4Page - ADDtek Corp AMC358 Datasheet HTML 5Page - ADDtek Corp AMC358 Datasheet HTML 6Page - ADDtek Corp AMC358 Datasheet HTML 7Page - ADDtek Corp AMC358 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMC358
Copyright
© 2006 ADDtek Corp.
2
DD017_E
--
JUNE 2006
SCHEMATIC DIAGRAM (each amplifier)
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Supply Voltage
32V
Input Voltage
-0.3V to 30V
Differential Input Voltage
32V
Operating Junction Temperature Range, TJ
0
OC to 150 OC
Storage Temperature Range
-65
OC to 150OC
Lead Temperature (soldiering, 10 seconds)
260
OC
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into,
negative out of the specified terminal.
INPUT+
INPUT-
VCC
OUTPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com