Electronic Components Datasheet Search
  English  ▼

X  

AMC358 Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC358
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC358 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC358 Datasheet HTML 1Page - ADDtek Corp AMC358 Datasheet HTML 2Page - ADDtek Corp AMC358 Datasheet HTML 3Page - ADDtek Corp AMC358 Datasheet HTML 4Page - ADDtek Corp AMC358 Datasheet HTML 5Page - ADDtek Corp AMC358 Datasheet HTML 6Page - ADDtek Corp AMC358 Datasheet HTML 7Page - ADDtek Corp AMC358 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMC358
Copyright
© 2006 ADDtek Corp.
3
DD017_E
--
JUNE 2006
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply to the operating at specified free-air temperatures and VCC = 5V.
AMC358
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
TA = 25 °C (Note 2)
3
7
Input Offset Voltage
VIO
0
°C ≤ T
A ≤ 70 °C
9
mV
TA = 25 °C
- 20
- 250
Input Bias Current (Note 3)
IIB
0
°C ≤ T
A ≤ 70 °C
500
nA
TA = 25 °C
2
50
Input Offset Current
IIO
VCM = 0V,
VOUT = 1.4V
0
°C ≤ T
A ≤ 70 °C
150
nA
TA = 25 °C
0
VCC – 1.5
Input Common-mode Voltage
Range (Note 4)
VCM
VCC = 30V
0
°C ≤ T
A ≤ 70 °C0
VCC – 2.0
V
No load
0.7
1.2
Supply Current
ICC
VCC = 30V, No load
0
°C ≤ T
A ≤ 70 °C
1.0
2.0
mA
RL = 2 kΩ
26
High-level Output Voltage
VOH
VCC = 30V,
0
°C ≤ T
A ≤ 70 °C
RL = 10 kΩ
27
28
V
Low-level Output Voltage
VOL
RL = 10 kΩ, 0 °C ≤ TA ≤ 70 °C
5
100
mV
Large Signal Voltage
AVD
VCC =15V, VOUT = 1V to 11V,
RL = 10 kΩ, TA = 25 °C
25
100
V/mV
Common-mode Rejection Ratio
CMRR
VCC = 5V to 30V,
VCM = 0V to VCC – 1.5V, TA = 25 °C
65
85
dB
Power Supply Rejection Ratio
(Note 5)
KSVR
VCC = 5V to 30V, TA = 25 °C
100
dB
Cross Talk (note 5)
f = 1 kHz to 20 kHz, TA = 25 °C
120
dB
Source
VCC =15V, VIN
+ - V
IN
- = 1V,
VOUT = 2V, TA = 25 °C
- 20
- 30
mA
VCC =15V, VIN
+ - V
IN
- = - 1V,
VOUT = 2V, TA = 25 °C
10
20
mA
Output Current
Sink
IO
VCC =15V, VIN
+ - V
IN
- = 1V,
VOUT = 2mV, TA = 25 °C
12
20
µA
Short Circuit Output Current
(Note 6)
IOS
VCC =15V, TA = 25 °C
± 40
± 60
mA
Note 2:
VOUT ≅ 1.4V, RS = 0Ω, with VCC from 4.5V to 30V; and over the full input common-mode range (0V to VCC – 1.5V) at 25°C.
Note 3:
Due to PNP input stage, the direction of the input current is out of the IC. It is essentially constant, independent of the state of the output,
so no loading change exists on the input lines.
Note 4:
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25
°C). The
upper limit of the common-mode voltage range is VCC – 1.5V (at 25°C), but either or both inputs can go to 32V without damage,
independent of the magnitude of VCC.
Note 5
These parameters, although guaranteed, are not tested in production.
Note 6:
Short Circuits from the output to VCC can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40mA independent of the magnitude of VCC. At values of supply voltage in excess of 15V,
continuous short-circuit can exceed the power dissipation ratings and cause destruction. Destructive dissipation can result from
simultaneous shorts on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com