Electronic Components Datasheet Search
  English  ▼

X  

AMC3202DMF Datasheet(PDF) 6 Page - ADDtek Corp

Part # AMC3202DMF
Description  1.5A 280kHz BOOST REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3202DMF Datasheet(HTML) 6 Page - ADDtek Corp

Back Button AMC3202DMF Datasheet HTML 2Page - ADDtek Corp AMC3202DMF Datasheet HTML 3Page - ADDtek Corp AMC3202DMF Datasheet HTML 4Page - ADDtek Corp AMC3202DMF Datasheet HTML 5Page - ADDtek Corp AMC3202DMF Datasheet HTML 6Page - ADDtek Corp AMC3202DMF Datasheet HTML 7Page - ADDtek Corp AMC3202DMF Datasheet HTML 8Page - ADDtek Corp AMC3202DMF Datasheet HTML 9Page - ADDtek Corp AMC3202DMF Datasheet HTML 10Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AMC3202
Copyright
© 2006 ADDtek Corp.
6
DD074_B -- AUGUST 2006
CHARACTERIZATION CURVES
Switch Frequency vs. FB
0
50
100
150
200
250
300
0.36
0.38
0.4
0. 42
0. 44
FB(V)
VCC=3.3V
TA=25°C
Icc vs. VCC During Shutdowm
0
5
10
15
20
25
01 0
20
30
VCC(V)
TA=25°C
VCC=2.7V~30V
Reference Voltage vs. Temperature
1. 264
1. 266
1. 268
1. 270
1. 272
1. 274
1. 276
1. 278
1. 280
-40
0
40
80
120
Temperature(°C)
VCC=3.3V
IEN vs. VEN
-1
-0. 75
-0.5
-0. 25
0
0. 25
0.5
0. 75
1
03
69
VEN(V)
VCC=3.3V
TA=25°C
VCE (SAT) vs. ISW
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
500
1000
1500
Isw(mA)
VCC=3.3V
TA=25°C
COMP Threshold vs. Temperature
0. 6
0. 7
0. 8
0. 9
1
1. 1
1. 2
-40
0
40
80
120
Temperature(°C)
VCC=3.3V
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com