Electronic Components Datasheet Search
  English  ▼

X  

AMC3202DMF Datasheet(PDF) 9 Page - ADDtek Corp

Part # AMC3202DMF
Description  1.5A 280kHz BOOST REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3202DMF Datasheet(HTML) 9 Page - ADDtek Corp

Back Button AMC3202DMF Datasheet HTML 3Page - ADDtek Corp AMC3202DMF Datasheet HTML 4Page - ADDtek Corp AMC3202DMF Datasheet HTML 5Page - ADDtek Corp AMC3202DMF Datasheet HTML 6Page - ADDtek Corp AMC3202DMF Datasheet HTML 7Page - ADDtek Corp AMC3202DMF Datasheet HTML 8Page - ADDtek Corp AMC3202DMF Datasheet HTML 9Page - ADDtek Corp AMC3202DMF Datasheet HTML 10Page - ADDtek Corp AMC3202DMF Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AMC3202
Copyright
© 2006 ADDtek Corp.
9
DD074_B -- AUGUST 2006
The VIN ripple is determined by the product of the inductor current ripple and the ESR of input capacitor, and the
VOUT ripple comes from two major sources, namely ESR of output capacitor and the charging/discharging of the output
capacitor. Ceramic capacitors have the lowest ESR, but too low ESR may cause loop stability problems. Aluminum
Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC response. One option is to parallel a ceramic
capacitor with an Aluminum Electrolytic capacitor.
Frequency Compensation
The goal of frequency compensation is to achieve desirable transient response and DC regulation while ensuring
the stability of the system. A typical compensation network, as shown in the typical application circuit, provides a
frequency response of two poles and one zero. The loop frequency compensation is performed on the output of the error
amplifier (COMP pin) with a series RC network. The main pole is formed by the series capacitor and the output
impedance of the error amplifier. The series resistor creates a zero, which improves loop stability and transient response.
A second capacitor is sometimes used to reduce the switching frequency ripple on the COMP pin.
O
P
P
R
C
f
1
1
2
1
π
=
where, RO= error amplifier output resistance;
P
P
Z
R
C
f
1
1
2
1
π
=
P
P
P
R
C
f
2
2
2
1
π
=
Soft Start
Through the addition of an external circuit, a soft-start function can be added to the AMC3202. Soft-start circuitry
prevents the COMP pin from slamming high during startup, thereby inhibiting the inductor current from rising at a high
slope. Referring to the figure shown in the following, the soft-start circuitry requires a minimum number of components
and allows the soft-start circuitry to be activated any time when the EN pin is used to restart the converter.
4
5
EN
V CC
CO M P
SS
3
4uA
R P
C P2
C P1
1
V IN
V EN
Q
C SS
D SS
Resistor RP and capacitors CP1 and CP2 form the compensation network. At turn on, the voltage at the COMP pin
starts to come up, charging capacitor CSS through internal transistor Q, clamping the voltage at the COMP pin such that
switching begins when COMP reaches the COMP threshold, typically 1.05V. Therefore, CSS slows down the startup of
the circuit by limiting the voltage on the COMP pin. The soft-start time increases with the size of CSS.
Diode DSS discharges CSS when the voltage on the EN pin is low. If the shutdown function is not used with this
part, the cathode of DSS should be connected to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com