Electronic Components Datasheet Search
  English  ▼

X  

AMC7637 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC7637
Description  ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7637 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC7637 Datasheet HTML 1Page - ADDtek Corp AMC7637 Datasheet HTML 2Page - ADDtek Corp AMC7637 Datasheet HTML 3Page - ADDtek Corp AMC7637 Datasheet HTML 4Page - ADDtek Corp AMC7637 Datasheet HTML 5Page - ADDtek Corp AMC7637 Datasheet HTML 6Page - ADDtek Corp AMC7637 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMC7637
Copyright
© 2007 ADDtek Corp.
2
DD053_C
--
JUNE 2007
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage, VIN
8V
Maximum Operating Junction Temperature, TJ
150
°
C
Storage Temperature Range
-65
°
C to 150
°
C
Lead Temperature (soldering, 10 seconds)
260
°
C
Note: Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
THERMAL DATA
Thermal Resistance from Junction to Ambient,
θ
JA
250
OC /W
Junction Temperature Calculation:
TJ = TA+ (PD × θ JA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
Connect the ground pin to ground using a large pad or ground plane for better heat dissipation.
All of the above assume no ambient airflow.
Maximum Power Calculation:
TJ(MAX) – TA(MAX)
PD(MAX)=
θ
JA
TJ(
OC):
Maximum recommended junction temperature
TA(
OC):
Ambient temperature of the application
θ
JA(
OC /W):
Junction-to-Ambient temperature thermal resistance of the package, and other heat dissipating materials.
The maximum power dissipation for a single-output regulator is:
PD(MAX) = [(VIN(MAX)
- VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
Where:
VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Then
θ
JA = (125
OC – TA)/PD
BLOCK DIAGRAM
GND
VIN
VOUT
Current
Limiter
VREF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com