Electronic Components Datasheet Search
  English  ▼

X  

AMC7637 Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC7637
Description  ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7637 Datasheet(HTML) 4 Page - ADDtek Corp

  AMC7637 Datasheet HTML 1Page - ADDtek Corp AMC7637 Datasheet HTML 2Page - ADDtek Corp AMC7637 Datasheet HTML 3Page - ADDtek Corp AMC7637 Datasheet HTML 4Page - ADDtek Corp AMC7637 Datasheet HTML 5Page - ADDtek Corp AMC7637 Datasheet HTML 6Page - ADDtek Corp AMC7637 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMC7637
Copyright
© 2007 ADDtek Corp.
4
DD053_C
--
JUNE 2007
CHARACTERIZATION CURVES
VIN= 5V,CIN=1µF,COUT= 2.2µF,TA=25
OC unless otherwise specified.
Load Regulation vs. Load Current
0
10
20
30
40
50
100
150
200
250
300
350
Load Current (mA)
AMC7637-2.5V
Load Regulation vs. Load Current
0
10
20
30
40
50
100
150
200
250
300
350
Load Current (mA)
AMC7637-3.3
Output Voltage vs. Supply Voltage
2.40
2.43
2.45
2.48
2.50
2.53
2.55
2.58
2.60
3.5
4.5
5.5
6.5
7.5
Supply Voltage (V)
AMC7637-2.5V
Output Voltage vs. Supply Voltage
3.20
3.23
3.25
3.28
3.30
3.33
3.35
3.38
3.40
3.5
4.5
5.5
6.5
7.5
Supply Voltage (V)
AMC7637-3.3V
Ground Current vs. Load Current
0
5
10
15
20
25
30
0
100
200
300
400
500
Load Current (mA)
AMC7637-2.5V
Ground Current vs. Load Current
0
5
10
15
20
25
30
0
100
200
300
400
500
Load Current (mA)
AMC7637-3.3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com