Electronic Components Datasheet Search
  English  ▼

X  

4913 Datasheet(PDF) 1 Page - Rakon Limited

Part # 4913
Description  Monolithic Crystal Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

4913 Datasheet(HTML) 1 Page - Rakon Limited

  4913 Datasheet HTML 1Page - Rakon Limited 4913 Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FTF4913
Monolithic Crystal Filter
Part number: 4913 | Revision: A1 | Date: 24 January 2023
Specifications are subject to change without notice
Copyright © 2015 to 2023 Rakon Limited. All rights reserved
Page 1 of 2
www.rakonxpress.com
1.0
Main parameters
N°
Characteristics
Symbol
Value
Unit
Note
1.1
Nominal centre frequency
fc
90.0
MHz
3rd overtone
1.2
Number of poles
4
2.0
Insection loss
N°
Characteristics
Symbol
Min.
Nom.
Max.
Unit
Note
2.1
Insertion Loss (IL)
IL
7
dB
3.0
Passband
N°
Characteristics
Symbol
Nom.
Unit
-∆ Fmin
+∆ Fmax
Unit
Note
3.1
Bandwidth between 3dB frequencies
3
dB
-3.75
+3.75
kHz
Referred to fc
4.0
Ripple over
N°
Characteristics
Symbol
Nom.
Unit
-∆ Fmin
+∆ Fmax
Unit
Note
4.1
Ripple over
≤1.0
dB
5.0
Stopband
N°
Characteristics
Symbol
Nom.
Unit
-∆ Fmin
+∆ Fmax
Unit
Note
5.1
StopBand 1 (@25°C)
≥20
dB
-12.5
+12.5
kHz
Referred to fc
5.2
StopBand 2 (20 to 70°C)
≥18
dB
-12.5
+12.5
kHz
Referred to fc
5.3
StopBand 3 (@25°C)
≥40
dB
-25
+25
kHz
Referred to fc
5.4
StopBand 4 (20 to 70°C)
≥38
dB
-25
+25
kHz
Referred to fc
5.5
StopBand 5 (@25°C)
≥50
dB
-50
+50
kHz
Referred to fc
5.6
StopBand 6 (20 to 70°C)
≥48
dB
-50
+50
kHz
Referred to fc
5.7
StopBand 7 (@25°C)
≥63
≥35
dB
-100
–
–
+100
kHz
Referred to fc
5.8
StopBand 8 (20 to 70°C)
≥61
≥35
dB
-100
–
–
+100
kHz
Referred to fc
5.9
Guaranteed Attenuation
≥75
≥60
dB
-910
–
–
+910
kHz
Referred to fc
6.0
Matching
N°
Characteristics
Symbol
Resistance
Unit
Capacitance
Unit
Note
6.1
Input and output
500 ±5%
Ω
1.5 ±0.3
pF
6.2
Coupling capacitance
5.0 ±0.3
pF
7.0
Temperature range
N°
Characteristics
Symbol
Min.
Nom.
Max.
Unit
Note
7.1
Operating
OTR
-40
85
°C
7.2
Storage
STR
-45
85
°C


Similar Part No. - 4913

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
List of Unclassifed Man...
491 ETC2-491 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
491 OSCILENT-491 Datasheet
141Kb / 2P
PECL Output
491-28.0M-3DN-T OSCILENT-491-28.0M-3DN-T Datasheet
141Kb / 2P
4 Pad PCB PECL Output
491-28.0M-3EN-T OSCILENT-491-28.0M-3EN-T Datasheet
141Kb / 2P
4 Pad PCB PECL Output
More results

Similar Description - 4913

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF10.0-0760-01 VECTRON-MQF10.0-0760-01 Datasheet
42Kb / 1P
Monolithic crystal filter
MQF10.7-0240-05 VECTRON-MQF10.7-0240-05 Datasheet
58Kb / 1P
Monolithic crystal filter
MQF10.7-1200-01 VECTRON-MQF10.7-1200-01 Datasheet
54Kb / 1P
Monolithic crystal filter
MQF10.7-1680-04 VECTRON-MQF10.7-1680-04 Datasheet
62Kb / 1P
Monolithic crystal filter
MQF10.7-2000-11 VECTRON-MQF10.7-2000-11 Datasheet
47Kb / 1P
Monolithic crystal filter
MQF10.7-3000-01 VECTRON-MQF10.7-3000-01 Datasheet
53Kb / 1P
Monolithic crystal filter
MQF10.7-3000-10 VECTRON-MQF10.7-3000-10 Datasheet
57Kb / 1P
Monolithic crystal filter
MQF10.7-3000-13 VECTRON-MQF10.7-3000-13 Datasheet
54Kb / 1P
Monolithic crystal filter
logo
List of Unclassifed Man...
FT21M07C ETC2-FT21M07C Datasheet
227Kb / 1P
MONOLITHIC CRYSTAL FILTER
logo
Fronter Electronics Co....
HC-49T FRONTER-HC-49T Datasheet
209Kb / 1P
MONOLITHIC CRYSTAL FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com