Electronic Components Datasheet Search
  English  ▼

X  

4913 Datasheet(PDF) 2 Page - Rakon Limited

Part # 4913
Description  Monolithic Crystal Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

4913 Datasheet(HTML) 2 Page - Rakon Limited

  4913 Datasheet HTML 1Page - Rakon Limited 4913 Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTF4913
Monolithic Crystal Filter
Part number: 4913 | Revision: A1 | Date: 24 January 2023
Specifications are subject to change without notice
Copyright © 2015 to 2023 Rakon Limited. All rights reserved
Page 2 of 2
www.rakonxpress.com
8.0
Intermodulation
N°
Characteristics
Note
8.1
Input two signals to filter at fo ±800 kHz and fo ±1600 kHz both at a level of -20 dBm.
Output fo -100 dBm max.
9.0
Input level
N°
Characteristics
Symbol
Value
Unit
Note
9.1
Measurement level
-10
dBm
9.2
Maximum level
+5
dBm
10.0
Package, marking and pin connections
N°
Characteristics
Specifications
Model outline drawing
11.1 Package type
SMD, 7.0 x 5.0 mm
11.2 Marking
Line 1: FTF4913
Line 2: 106610
Line 3: YWW (Date code)
11.3 Pin connections Pin 1, 4: GND
Pin 2, 5*: Coupling capacitance
Pin 3: Output
Pin 6: Input
* Pins 2 and 5 are not physically connected in the
package and must be connected together on the
PCB.
11.0
Test circuit
N°
Test circuit diagram
12.1
12.0
Specification History
Revision
Change notes
Date
A0
Preliminary Datasheet creation
Apr, 15th 2021
A1
Re-branding Rakon to RakonXpress
Jan, 24th 2023
Unit: mm
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
Marking
TOP VIEW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com