Electronic Components Datasheet Search
  English  ▼

X  

ADL5501 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5501
Description  50 MHz to 6 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5501 Datasheet HTML 4Page - Analog Devices ADL5501 Datasheet HTML 5Page - Analog Devices ADL5501 Datasheet HTML 6Page - Analog Devices ADL5501 Datasheet HTML 7Page - Analog Devices ADL5501 Datasheet HTML 8Page - Analog Devices ADL5501 Datasheet HTML 9Page - Analog Devices ADL5501 Datasheet HTML 10Page - Analog Devices ADL5501 Datasheet HTML 11Page - Analog Devices ADL5501 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADL5501
Rev. B | Page 8 of 28
Parameter
Condition
Min
Typ
Max
Unit
OUTPUT OFFSET
No signal at RFIN
50
150
mV
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power, High Condition
2.7 V ≤ VS ≤ 5.5 V, −40°C < TA < +85°C
1.8
VPOS
V
Input Current when High
2.7 V at ENBL, –40°C ≤ TA ≤ +85°C
0.05
0.1
μA
Logic Level to Disable Power, Low Condition
2.7 V ≤ VS ≤ 5.5 V, −40°C < TA < +85°C
–0.5
+0.5
V
Power-Up Response Time5
CFLTR = COUT = open, 0 dBm at RFIN
6
μs
CFLTR = 1 nF, COUT = open, 0 dBm at RFIN
21
μs
CFLTR = open, COUT = 100 nF, 0 dBm at RFIN
28
μs
POWER SUPPLIES
Operating Range
−40°C < TA < +85°C
2.7
5.5
V
Quiescent Current
No signal at RFIN6
1.1
mA
Total Supply Current When Disabled
No signal at RFIN, ENBL input low
0.1
<5
μA
1 The available output swing and, therefore, the dynamic range are altered by the supply voltage; see Figure 8.
2 Error referred to best-fit line at 25°C.
3 Calculated using linear regression.
4 Error referred to delta from 25°C response; see Figure 13, Figure 14, Figure 15, Figure 19, Figure 20, and Figure 21.
5 The response time is measured from 10% to 90% of settling level; see Figure 30.
6 Supply current is input-level dependent; see Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com