Electronic Components Datasheet Search
  English  ▼

X  

ADL5501 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5501
Description  50 MHz to 6 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5501 Datasheet HTML 19Page - Analog Devices ADL5501 Datasheet HTML 20Page - Analog Devices ADL5501 Datasheet HTML 21Page - Analog Devices ADL5501 Datasheet HTML 22Page - Analog Devices ADL5501 Datasheet HTML 23Page - Analog Devices ADL5501 Datasheet HTML 24Page - Analog Devices ADL5501 Datasheet HTML 25Page - Analog Devices ADL5501 Datasheet HTML 26Page - Analog Devices ADL5501 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADL5501
Rev. B | Page 23 of 2
8
DRIFT OVER A REDUCED TEMPERATURE RANGE
Due to the repeatability of the performance from part to part,
compensation can be applied to reduce the effects of temperature
drift and linearity error. To detect larger dynamic ranges at
lower frequencies, the transfer function at ambient can be
calibrated, thus eliminating the linearity error. This technique
is discussed in detail in the Calibration for Improved Accuracy
section. Figure 55 shows that the dynamic range within ±0.5 dB
error improves to 30 dB by using this method.
Figure 53 shows the error over temperature for a 1.9 GHz input
signal. Error due to drift over temperature consistently remains
within ±0.25 dB and begins to exceed this limit only when the
ambient temperature goes above +25°C and below −10°C. For
all frequencies using a reduced temperature range, higher
measurement accuracy is achievable.
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm rms)
+85°C
+70°C
+50°C
+35°C
+25°C
+15°C
0°C
–10°C
–25°C
–40°C
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
Figure 53. Typical Drift at 1.9 GHz for Various Temperatures
Figure 55. Output Delta from +25°C Output Voltage for
12 Devices at −40°C and +85°C, Frequency = 50 MHz, Supply = 5.0 V
OPERATION BELOW 100 MHz
The ADL5501 works at frequencies below 100 MHz but exhibits a
slightly higher linearity error. Figure 54 shows the error distribution
of 12 devices at 50 MHz over temperature. When compared to
an ideal linear transfer function at ambient, the error of the
ADL5501 over temperature remains within ±0.5 dB for the
central 20 dB of the dynamic range. At the higher input power
levels, the error grows as the response becomes nonlinear. The
typical slope and intercept at 50 MHz are 4.5 V/V rms and
0.04 V, respectively.
EVALUATION BOARD
Figure 56 shows the schematic of the ADL5501 evaluation
board. The layout and silkscreen of the evaluation board layers
are shown in Figure 57 and Figure 58. The board is powered by
a single supply in the 2.7 V to 5.5 V range. The power supply is
decoupled by 100 pF and 0.1 μF capacitors. Table 5 details the
various configuration options of the evaluation board.
Problems caused by impedance mismatch can arise when the
evaluation board is used to examine ADL5501 performance.
One way to reduce these problems is to put a coaxial 3 dB atten-
uator on the RFIN SMA connector. Mismatches at the source,
cable, and cable interconnection, as well as those occurring on
the evaluation board, can cause these problems.
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
A simple (and common) example of such a problem is triple
travel due to mismatch at both the source and the evaluation
board. Here the signal from the source reaches the evaluation
board, and mismatch causes a reflection. When that reflection
reaches the source mismatch, it causes a new reflection, which
travels back to the evaluation board, adding to the original signal
incident at the board. The resulting voltage varies with both
cable length and frequency dependence on the relative phase of
the initial and reflected signals. Placing the 3 dB pad at the input of
the board improves the match at the board and, thus, reduces
the sensitivity to mismatches at the source. When such precau-
tions are taken, measurements are less sensitive to cable length and
other fixture issues. In an actual application when the distance
between the ADL5501 and the source is short and well defined,
this 3 dB attenuator is not needed.
Figure 54. Temperature Drift Distributions for 12 Devices at −40°C, +25°C,
and +85°C vs. +25°C Linear Reference, Frequency = 50 MHz, Supply = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com