Electronic Components Datasheet Search
  English  ▼

X  

SL432ASF Datasheet(PDF) 2 Page - AUK corp

Part # SL432ASF
Description  Programmable Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL432ASF Datasheet(HTML) 2 Page - AUK corp

  SL432ASF Datasheet HTML 1Page - AUK corp SL432ASF Datasheet HTML 2Page - AUK corp SL432ASF Datasheet HTML 3Page - AUK corp SL432ASF Datasheet HTML 4Page - AUK corp SL432ASF Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-I5C003-002
2
SL432xSF
Absolute maximum ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Cathode to Anode voltage
VKA
18
V
Cathode current
IK
30
mA
Reference input current
Iref
3
mA
Power Dissipation
PD
*
350
mW
Junction Temperature
TJ
150
℃
Operating temperature range
Topr
-40 ~ +85
℃
Storage temperature range
Tstg
-55 ~ +150
℃
* With PCB(8
×8mm copper area) at glass epoxy board(t=1.7mm, area : 20×20mm)
Recommended operating conditions
Rating
Characteristic
Symbol
Min.
Max.
Unit
Cathode to Anode voltage
VKA
Vref
16
V
Cathode current
IK
0.1
25
mA
Electrical Characteristics (Ta=25 , unless otherwise noted.)
℃
Characteristic
Symbol
Condition
Min. Typ. Max.
Unit
SL432BSF
1.234
1.246
SL432ASF
1.228
1.252
Reference voltage (Fig.1)
Vref
VKA=Vref, IK=10mA
SL432SF
1.215
1.240
1.265
V
Reference input voltage
deviation over temperature
(Fig.1, Note1,2)
∆Vref
VKA=Vref, IK=10mA
@ -40˚C ≤ Ta ≤ 85˚C
-
10
20
mV
∆Vref
△
Vref=Vref (16V)-Vref
Ratio of delta reference input
voltage to delta cathode
voltage (Fig.2)
∆VKA
IK=10mA
Vref ≤ VKA ≤ 16V
△
VKA=VKA(16V)-Vref
-
-1.0
-2.7
mV/V
Reference current (Fig.2)
Iref
IK=10mA
R1=10K
Ω, R2=∞
-
1.0
1.5
µΑ
Reference input current
deviation over temperature
(Fig.2, Note 1,2)
∆Iref
IK=10mA
R1=10K
Ω, R2=∞
@ -40˚C ≤ Ta ≤ 85˚C
-
0.04
0.08
µΑ
Minimum cathode current
for regulation
IK(MIN)
VKA=Vref
-
80
100
µΑ
Off-state cathode current
(Fig.3)
IK(off)
VKA=16V, Vref=0V
-
5
50
nA
Dynamic impedance
(Fig.1, Note3)
ZKA
VKA=Vref, f ≤ 1.0KHz
0.1mA ≤ IK ≤ 25mA
-
0.25
0.4
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com