Electronic Components Datasheet Search
  English  ▼

X  

SL432ASF Datasheet(PDF) 4 Page - AUK corp

Part # SL432ASF
Description  Programmable Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL432ASF Datasheet(HTML) 4 Page - AUK corp

  SL432ASF Datasheet HTML 1Page - AUK corp SL432ASF Datasheet HTML 2Page - AUK corp SL432ASF Datasheet HTML 3Page - AUK corp SL432ASF Datasheet HTML 4Page - AUK corp SL432ASF Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KSD-I5C003-002
4
SL432xSF
Electrical Characteristics Curves (Continue)
Cathode Voltage VKA [V]
0.0
20
0.1
0.3
0.2
0
16
8
0.4
12
4
2.0
0
0
0.5
1.0
300
50
-0.5
-1
1.5
250
200
-50
150
100
-10
Fig.4 IK vs VKA (1)
Fig.5 IK vs VKA (2)
Fig.6 I K(off) vs VKA
I
20
1.5
10
-10
1.0
0
Cathode Voltage VKA [V]
2.0
0.5
-0.5
-1
0
30
VKA=Vref
Ta=25°C
Cathode Voltage VKA [V]
Fig.8 Vref vs Ta
50
0
1.30
-25
1.26
75
25
100
1.28
1.22
1.24
1.20
-50
Ambient Temperature Ta [˚C]
VKA=Vref , IK=10mA
Vref(min)
Vref(typ)
Vref(max)
Fig.7 ΔVref/ΔVKA vs Ta
50
0
0.0
-25
-0.2
75
25
100
-0.1
-0.4
-0.3
-0.5
-50
Ambient Temperature Ta [˚C]
Fig.9 PD vs Ta
Ambient Temperature Ta [˚C]
100
50
500
25
300
125
75
150
400
100
200
0
0
VKA=Vref
Ta=25°C
Vref ≤ VKA ≤ 16V, IK=10mA
Vref=0V, Ta=25°C
With PCB (8×8mm copper
area) at glass epoxy board
(t=1.7mm,area=20×20mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com