Electronic Components Datasheet Search
  English  ▼

X  

TSLB257S Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSLB257S
Description  HIGH짯SENSITIVITY COLOR LIGHT짯TO짯VOLTAGE CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSLB257S Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSLB257S Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSLB257, TSLG257, TSLR257
HIGH-SENSITIVITY COLOR
LIGHT-TO-VOLTAGE CONVERTERS
TAOS027C − JUNE 2006
2
r
r
Copyright
E 2006, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
1
Ground (substrate). All voltages are referenced to GND.
OUT
3
Output voltage
VDD
2
Supply voltage
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
240
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com