Electronic Components Datasheet Search
  English  ▼

X  

TSLB257S Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSLB257S
Description  HIGH짯SENSITIVITY COLOR LIGHT짯TO짯VOLTAGE CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSLB257S Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSLB257S Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLB257S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSLB257, TSLG257, TSLR257
HIGH-SENSITIVITY COLOR
LIGHT-TO-VOLTAGE CONVERTERS
TAOS027C − JUNE 2006
1
The
LUMENOLOGY
r Company
r
r
Copyright
E 2006, TAOS Inc.
www.taosinc.com
D Converts Light Intensity to Output Voltage
D Integral Color Filter in Blue, Green, or Red
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D High Sensitivity
D Single Voltage Supply Operation
D Low Noise (200 µVrms Typ to 1 kHz)
D Rail-to-Rail Output
D High Power-Supply Rejection (35 dB at
1 kHz)
D Compact 3-Leaded Plastic Package
D RoHS Compliant (LF Package Only)
Description
The TSLB257, TSLG257, and TSLR257 are high-sensitivity low-noise light-to-voltage optical converters that
incorporate onboard blue, green, and red optical filters, respectively. These devices combine a photodiode and
a transimpedance amplifier on a single monolithic CMOS integrated circuit with a color filter over the photodiode.
Output voltage is directly proportional to light intensity (irradiance) on the photodiode. Each device has a
transimpedance gain of 320 M
Ω with improved offset voltage stability and low power consumption, and is
supplied in a 3-lead clear plastic sidelooker package with an integral lens.
These devices are ideal for applications such as colorimetry, printing process control, display color correction,
and selectively ambient light detection or rejection.
Functional Block Diagram
Voltage
Output
+
−
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR
ORDERING NUMBER
TSLB257
0
°C to 70°C
3-lead Sidelooker
S
TSLB257S
TSLB257
0
°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSLB257S−LF
TSLG257
0
°C to 70°C
3-lead Sidelooker
S
TSLG257S
TSLG257
0
°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSLG257S−LF
TSLR257
0
°C to 70°C
3-lead Sidelooker
S
TSLR257S
TSLR257
0
°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSLR257S−LF
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT


Similar Part No. - TSLB257S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
More results

Similar Description - TSLB257S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TRS1722 TAOS-TRS1722 Datasheet
129Kb / 10P
HIGH SENSITIVITY REFLECTIVE COLOR SENSOR WITH LIGHTTOVOLTAGE CONVERTERS
logo
Panasonic Semiconductor
AN5320 PANASONIC-AN5320 Datasheet
147Kb / 4P
COLOR TV COLOR COMPENSATION CIRCUIT
logo
Purdy Electronics Corpo...
AND116SG PURDY-AND116SG Datasheet
47Kb / 2P
Dual Color
logo
Everlight Electronics C...
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
Bi-Color (Multi-Color) Top LEDs
08-05-2004
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
logo
ON Semiconductor
2SA1552 ONSEMI-2SA1552 Datasheet
107Kb / 7P
Bipolar Transistor Converters, inverters, color TV audio output
December, 2013
logo
Unisonic Technologies
7106 UTC-7106_15 Datasheet
368Kb / 18P
CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com