Electronic Components Datasheet Search
  English  ▼

X  

OPA328DBVR Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA328DBVR Datasheet HTML 10Page - Texas Instruments OPA328DBVR Datasheet HTML 11Page - Texas Instruments OPA328DBVR Datasheet HTML 12Page - Texas Instruments OPA328DBVR Datasheet HTML 13Page - Texas Instruments OPA328DBVR Datasheet HTML 14Page - Texas Instruments OPA328DBVR Datasheet HTML 15Page - Texas Instruments OPA328DBVR Datasheet HTML 16Page - Texas Instruments OPA328DBVR Datasheet HTML 17Page - Texas Instruments OPA328DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
5.7 Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, VCM = VOUT = mid-supply, CL = 20 pF, and RL = 10 kΩ (unless otherwise noted)
Frequency (Hz)
-40
-30
-20
-10
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
100M
G = −1
G =
+1
G =
+10
G =
+100
Figure 5-31. Closed-Loop Gain vs Frequency
G = –1
Figure 5-32. Small-Signal Step Response
Time (200 ns/div)
VIN
VOUT
G = +1
Figure 5-33. Small-Signal Step Response
Time (200 ns/div)
VIN
VOUT
G = –1
Figure 5-34. Large-Signal Step Response
Time (200 ns/div)
VIN
VOUT
G = +1
Figure 5-35. Large-Signal Step Response
OPA328, OPA2328
SBOS957D – FEBRUARY 2022 – REVISED DECEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA328 OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com